Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HICTB08-FBM-RAC-SC-IO08 Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # HICTB08-FBM-RAC-SC-IO08
Description  Termination Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HICTB08-FBM-RAC-SC-IO08 Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  HICTB08-FBM-RAC-SC-IO08 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HICTB08-FBM-RAC-SC-IO08 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HICTB08-FBM-RAC-SC-IO08 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HICTB08-FBM-RAC-SC-IO08 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HICTB08-FBM-RAC-SC-IO08 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HiCTB08-FBM-RAC-SC-IO08
5
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Termination Board
Module switch settings
Type (AI)
DIP switch
Position
Type (UIO)
HiC2025 (current source)
S1
OFF
HiC2441
not available
S2
OFF
S3
ON
Type (TI)
DIP switch
Position
S4
OFF
HiC2081 (current source)
S
I
Type (AO)
DIP switch
Position
Type (DO)
DIP switch
Position
HiC2031
(open loop voltage of the control
system < 27 V
)
S1
OFF
HiC2883
(line fault detection enabled,
operating mode bus powered
with logic input, minmum load
disabled)
S1
I
S2
ON
S2
II
S3
OFF
S3
II
S4
OFF
S4
no function



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com