Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HICTB32-HIM-RAC-SP-AI320X Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # HICTB32-HIM-RAC-SP-AI320X
Description  Termination Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HICTB32-HIM-RAC-SP-AI320X Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  HICTB32-HIM-RAC-SP-AI320X Datasheet HTML 1Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAC-SP-AI320X Datasheet HTML 2Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAC-SP-AI320X Datasheet HTML 3Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAC-SP-AI320X Datasheet HTML 4Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAC-SP-AI320X Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
IECEx marking
[Ex ia Ga] IIC
[Ex ia Da] IIIC
[Ex ia Ma] I
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Accessories
HiATB01-HART-2X16
HART Communication Board
HiDMux2700
HART Multiplexer Master
H-CJC-Pt100
Resistance thermometer for cold junction compensation for H-System termination boards
HiALC-HiCTB-SET-108
Label carriers for HiC termination boards
HiACA-UNI-
FLK34-FLK34-0M5
HART Connection Cable, length: 0,5 m
HIACA-UNI-
FLK34-FLK34-1M0
HART Connection Cable, length: 1 m
HiACA-UNI-
FLK34-FLK34-2M0
HART Connection Cable, length: 2 m
HiACA-UNI-
FLK34-FLK34-3M0
HART Connection Cable, length: 3 m
HiACA-UNI-
FLK34-FLK34-6M0
HART Connection Cable, length: 6 m
Termination Board
HiCTB32-HIM-RAC-SP-AI320X
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com