Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HICTB32-HIM-RAC-SP-AI320X Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # HICTB32-HIM-RAC-SP-AI320X
Description  Termination Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HICTB32-HIM-RAC-SP-AI320X Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  HICTB32-HIM-RAC-SP-AI320X Datasheet HTML 1Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAC-SP-AI320X Datasheet HTML 2Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAC-SP-AI320X Datasheet HTML 3Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAC-SP-AI320X Datasheet HTML 4Page - Pepperl+Fuchs Inc. HICTB32-HIM-RAC-SP-AI320X Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HiCTB32-HIM-RAC-SP-AI320X
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Termination Board
Typical loop
Application
Module switch settings
Type
DIP switch
Position
HiC2025 (AI)
Output current source 4 mA ... 20 mA
S1
OFF
S2
OFF
S3
ON
S4
OFF
1a, 1b
2a, 2b
24 V DC
1a, 1b
2a, 2b
24 V DC
Termination Board
Field side
Control side
5b
5a
SL1
SL2
7a
8a
Fault
1
4
1b
1a
2
5
1b
1a
2
5
M1
1
4
M32
Module 32
5b
5a
SL1
SL2
7a
8a
+-
XG2
+
-
56
13
24
F2
F1
24 VDC
24 VDC
Fault
&
HiC2025
Module 1
HiC2025
XG1
HIMax
X-AI 32 01
X-AI 32 02
a32-
a25
b32
b1
a1-
a8
b1
b32
a32-
a25
a1-
a8
c32-
c1
c1-
c32
a24-
a5
a9-
a28
AI 1+
AI -
AI 32+
n.c.
n.c.
n.c.
n.c.
n.c.
AI -
a1
a32
a2
a31
a3
a30
a4
a29
reserved
reserved
reserved
reserved
HIMA
system
cable
HIMax
HART2
2
1
32
33, 34
31
n.c.
HART1
2
1
32
33, 34
31
Diagnosis:
Run
Field
mA
mA
1
32
1+
4-
1+
5-
1+
4-
1+
5-
AI -
AI 1+
AI -
AI 32+
GND
VCC
AI 17+
AI -
AI 32+
AI -
AI 1+
AI -
AI 16+
AI -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com