Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC1F115GD Datasheet(PDF) 2 Page - Schneider Electric

Part # LC1F115GD
Description  TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 125 V DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1F115GD Datasheet(HTML) 2 Page - Schneider Electric

  LC1F115GD Datasheet HTML 1Page - Schneider Electric LC1F115GD Datasheet HTML 2Page - Schneider Electric LC1F115GD Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Product certifications
ABS
DNV
RMRoS
CCC
LROS (Lloyds register of shipping)
CB
UL
BV
RINA
Connections - terminals
Control circuit: screw clamp terminals 2 cable(s) 0...0 in² (1...2.5 mm²) - cable
stiffness: flexible - with cable end
Power circuit: connector 1 cable(s) 0.15 in² (95 mm²)
Control circuit: screw clamp terminals 1 cable(s) 0...0.01 in² (1...4 mm²) - cable
stiffness: flexible - without cable end
Control circuit: screw clamp terminals 2 cable(s) 0...0.01 in² (1...4 mm²) - cable
stiffness: flexible - without cable end
Control circuit: screw clamp terminals 1 cable(s) 0...0.01 in² (1...4 mm²) - cable
stiffness: flexible - with cable end
Control circuit: screw clamp terminals 1 cable(s) 0...0.01 in² (1...4 mm²) - cable
stiffness: solid - without cable end
Control circuit: screw clamp terminals 2 cable(s) 0...0.01 in² (1...4 mm²) - cable
stiffness: solid - without cable end
Power circuit: lugs-ring terminals 1 cable(s) 0.15 in² (95 mm²)
Power circuit: bolted connection
Power circuit: bar 2 x (20 x 3 mm)
Tightening torque
Control circuit: 10.62 lbf.in (1.2 N.m)
Power circuit: 88.5 lbf.in (10 N.m)
Control circuit voltage limits
0.15...0.2 Uc at 131 °F (55 °C) drop-out
0.85...1.1 Uc at 131 °F (55 °C) operational
Inrush power in W
560 W at 68 °F (20 °C)
Hold-in power consumption in W
4.5 W at 68 °F (20 °C)
Heat dissipation
4.5 W
Operating time
30...40 ms closing
30...50 ms opening
Mechanical durability
10 Mcycles
Operating rate
2400 cyc/h at <= 131 °F (55 °C)
Environment
IP degree of protection
IP2x front face with shrouds (ordered separately) conforming to IEC 60529
IP2x front face with shrouds (ordered separately) conforming to VDE 0106
Protective treatment
TH
Ambient air temperature for operation
23...131 °F (-5...55 °C)
Ambient air temperature for storage
-76...176 °F (-60...80 °C)
Permissible ambient air temperature around the de-
vice
-40...158 °F (-40...70 °C)
Operating altitude
9842.52 ft (3000 m) without derating
Height
6.38 in (162 mm)
Width
6.43 in (163.3 mm)
Depth
6.73 in (171 mm)
Product weight
7.56 lb(US) (3.43 kg)
Ordering and shipping details
Category
22331 - CTR,F-LINE,DC,OPEN,NONREV
Discount Schedule
I12
GTIN
00785901267683
Nbr. of units in pkg.
1
Package weight(Lbs)
9.0999999999999996
Returnability
N
Country of origin
CZ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com