Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC1F115GD Datasheet(PDF) 1 Page - Schneider Electric

Part # LC1F115GD
Description  TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 125 V DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1F115GD Datasheet(HTML) 1 Page - Schneider Electric

  LC1F115GD Datasheet HTML 1Page - Schneider Electric LC1F115GD Datasheet HTML 2Page - Schneider Electric LC1F115GD Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aug 17, 2019
1
Product data sheet
Characteristics
LC1F115GD
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440
V 115 A - coil 125 V DC
Product availability: Non-Stock - Not normally stocked in distribution facility
Main
Range
TeSys
Product name
TeSys F
Product or component
type
Contactor
Device short name
LC1F
Contactor application
Resistive load
Motor control
Utilisation category
AC-1
AC-3
AC-4
Poles description
3P
Power pole contact
composition
3 NO
System Voltage
<= 690 V AC 50/60 Hz
[Ie] rated operational
current
200 A (<= 104 °F (40 °C)) at <= 440 V AC-1
115 A (<= 131 °F (55 °C)) at <= 440 V AC-3
Motor power kW
55 kW at 380...400 V AC 50/60 Hz AC-3
59 kW at 415 V AC 50/60 Hz AC-3
59 kW at 440 V AC 50/60 Hz AC-3
75 kW at 500 V AC 50/60 Hz AC-3
80 kW at 660...690 V AC 50/60 Hz AC-3
30 kW at 220...230 V AC 50/60 Hz AC-3
18.5 kW at 400 V AC 50/60 Hz AC-4
[Uc] control circuit volt-
age
125 V DC
Coil type
Standard
Complementary
[Uimp] rated impulse withstand voltage
8 kV
Overvoltage category
III
[Ith] conventional free air thermal current
200 A at <= 104 °F (40 °C)
Rated breaking capacity
920 A conforming to IEC 60947-4-1
[Icw] rated short-time withstand current
1100 A <= 104 °F (40 °C) 10 s
640 A <= 104 °F (40 °C) 30 s
520 A <= 104 °F (40 °C) 1 min
400 A <= 104 °F (40 °C) 3 min
320 A <= 104 °F (40 °C) 10 min
Associated fuse rating
125 A aM at <= 440 V
200 A gG at <= 440 V
Average impedance
0.37 mOhm at 50 Hz - Ith 200 A
[Ui] rated insulation voltage
1000 V conforming to IEC 60947-4-1
1500 V conforming to VDE 0110 group C
Power dissipation per pole
15 W AC-1
5 W AC-3
Mounting support
Plate
Standards
IEC 60947-1
EN 60947-4-1
EN 60947-1
IEC 60947-4-1
JIS C8201-4-1


Similar Part No. - LC1F115GD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1F115G7 SCHNEIDER-LC1F115G7 Datasheet
88Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 120 V AC
Apr 22, 2021
More results

Similar Description - LC1F115GD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1F115BD SCHNEIDER-LC1F115BD Datasheet
88Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 24 V DC
Apr 22, 2021
LC1F115F7 SCHNEIDER-LC1F115F7 Datasheet
88Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 110 V AC
Apr 22, 2021
LC1F115G7 SCHNEIDER-LC1F115G7 Datasheet
88Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 120 V AC
Apr 22, 2021
LC1F115M7 SCHNEIDER-LC1F115M7 Datasheet
88Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 220 V AC
Apr 22, 2021
LC1F115MD SCHNEIDER-LC1F115MD Datasheet
88Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 220 V DC
Apr 22, 2021
LC1F115Q5 SCHNEIDER-LC1F115Q5 Datasheet
88Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 380 V AC
Apr 22, 2021
LC1F150F7 SCHNEIDER-LC1F150F7 Datasheet
88Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 150 A - coil 115 V AC
Apr 22, 2021
LC1F115ED SCHNEIDER-LC1F115ED Datasheet
125Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 48 V DC
Aug 15, 2019
LC1F115FD SCHNEIDER-LC1F115FD Datasheet
125Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 110 V DC
Aug 15, 2019
LC1F115R6 SCHNEIDER-LC1F115R6 Datasheet
126Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 115 A - coil 440 V AC
Aug 10, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com