Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXR7900DF Datasheet(PDF) 2 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXR7900DF
Description  Low Cost, High Performance 짹1.0 g Dual-Axis Accelerometer with Ratiometric Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXR7900DF Datasheet(HTML) 2 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXR7900DF Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MEMSIC MXR7900A/C/D Rev.A
Page 2 of 6
4/09/2009
MXR7900A/C/D SPECIFICATIONS (Measurements @ 25°C, Acceleration = 0 g unless otherwise noted; VDD = 5.0V unless otherwise
specified)
Parameter
Conditions
Min.
MXR7900A/C/D
Typ.
Max.
Units
MXR7900A/C
±1.0
g
SENSOR INPUT
Measurement Range
1
MXR7900D
±1.7
g
Nonlinearity
Best fit straight line
0.5
1.0
% of FS
Alignment Error
2
±1.0
±3.0
degrees
Alignment Error
X Sensor to Y Sensor
0.01
degrees
Cross Axis Sensitivity
3
±0.5
±1.0
%
SENSITIVITY
Sensitivity Xout, Yout
Each Axis
VDD=5.0V
855
900
945
mV/g
MXR7900A/C
-60%
100%
%
Sensitivity Change over
Temperature
4 Delta from 25
°C
MXR7900D
-6%
3%
%
ZERO g BIAS LEVEL
0 g Voltage Xout, Yout
0 g Voltage Xout, Yout
Each Axis
VDD=5.0V
VDD=5.0V
2.41
-0.10
2.50
0.00
2.59
0.10
V
g
MXR7900A
0.4
1.0
mg/
°C
MXR7900C
0.1
0.3
mg/
°C
0 g Offset vs. Temperature
4
Delta from 25
°C
MXR7900D
0.4
1.0
mg/
°C
NOISE PERFORMANCE
Noise Density, rms
@25
°C
0.3
0.8
mg/
Hz
FREQUENCY RESPONSE
3dB Bandwidth
17
19
21
Hz
Selftest
Delta output change at Xout and Yout
-1.0
g
POWER SUPPLY
Operating Voltage Range
4.50
5.25
V
Quiescent Supply Current
@5.0V
4.0
5.5
mA
Xout and Yout OUTPUTS
Output High Voltage
Output Low Voltage
@5.0V Supply
4.5
0.5
V
V
Current
Source or sink @4.5V-
5.25V Supply
100
uA
Turn-On Time
5
160
200
mS
TEMPERATURE RANGE
Operating Range
-30
+105
°C
NOTES
1 Guaranteed by measurement of initial offset and sensitivity.
2 Alignment error is specified as the angle between the true and indicated axis of
sensitivity.
3 Cross axis sensitivity is the algebraic sum of the alignment and the inherent
sensitivity errors.
4 Defined as the output change from ambient to maximum temperature or ambient to
minimum temperature.
5 Output settled to within
±17mg.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com