Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXR7900DF Datasheet(PDF) 3 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXR7900DF
Description  Low Cost, High Performance 짹1.0 g Dual-Axis Accelerometer with Ratiometric Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXR7900DF Datasheet(HTML) 3 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXR7900DF Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXR7900DF Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MEMSIC MXR7900A/C/D Rev.A
Page 3 of 6
4/09/2009
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD, VDA) ¹ ……………...-0.5 to +7.0V
Storage Temperature
……….…………-70
°C to +150°C
Storage Pressure…………………………………1,378 kPa
Acceleration (any axis, Un-powered for 0.5 msec)..50,000 g
Acceleration (any axis, Powered for 0.5 msec)……50,000 g
Output Short Circuit Duration, any pin to common…….Indefinite
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; the functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
¹ Exposure for up to 60 minutes to absolute maximum ratings for supply
voltages will not affect device reliability.
Pin Description: LCC-8 Package
Pin
Name
Description
1
STIN
Self -Test Input
2
CLK
To be grounded.
(Optional Serial Clock Input)
3
GND
Ground
4
NC
Do Not Connect
5
NC
Do Not Connect
6
Yout
Y Channel Output
7
Xout
X Channel Output
8
VDD
4.5V to 5.25V
Ordering Guide
Model
Package Style
Temperature Range
MXR7900AF
LCC8
RoHS compliant
-30 to +105
°C
MXR7900CF
LCC8
RoHS compliant
-30 to +105
°C
MXR7900CF-
01
LCC8
RoHS compliant
-30 to +105
°C with
temperature data at 25
°C
MXR7900DF
LCC8
RoHS compliant
-30 to +105
°C
All parts are shipped in tape and reel packaging.
Note:
The MEMSIC logo’s arrow indicates the -X sensing
direction of the device.
The +Y sensing direction is rotated 90° away from the
+X direction.
Small circle indicates pin one (1).
ESD Compliance:
The MXR7900A/C/D sensor is in compliance with the following
ESD standards:
Human Body and 2500V per AEC-Q100-002 Rev. E
Machine Model and 250V per AEC-Q100-003 Rev. E
Mounting Orientation:
The package orientation of the MXR7900A/C/D does not affect
the performance of the sensor. The specifications as stated in page
2 remain the same.
Thus, if the sensor is installed with one of its axis of sensitivity in
the vertical plane, it detects accelerations in the Z-axis.
8
4
1
2
3
7
6
5
Top View
X - g
Y - g
X=1.60V
Y=2.50V
X=2.50V
Y=3.40V
X=2.50V
Y=1.60V
TOP VIEW
(Not to Scale)
X=3.40V
Y=2.50V
X=2.50V
Y=2.50V
EARTH’S SURFACE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com