Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN8695 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DN8695
Description  9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN8695 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DN8695 Datasheet HTML 1Page - Panasonic Semiconductor DN8695 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCC
VCE (sus)
IO
VI
PD
Topr
Tstg
Supply voltage
Output breakdown
Output current
Input voltage
Power dissipation
Operating ambient temperature
Storage temperature
V
V
A
V
W
˚C
˚C
7
50
1.5
0 to VCC
20 *
–20 to +75
–55 to +150
* Ta=75˚C when the infinite heat sink is used
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta=25˚C)
Input voltage
VIH
V
VCC=4 to 6V
VIL
V
VCC=4 to 6V
Output saturation voltage
VCE (sat)
2.2
V
VCC=4V, VI=0.8V, IO=1A
Input current
IIH
µA
VI=2.4V
IIL
µA
VI=0V
mA
VC=6V, VCE=50V, VI=2V
Output leakage current
IOLK
mA
VCC=5V, Total VI=2.4V
Supply current
ICCH
mA
VCC=5V, Total VI=0V
ICCL
V
Output suspending voltage
VCE (sus)
µs
L=4mH, R=40
Ω, I
O=600mA
Propagation delay time
tPHL
µs
VH=60V, RL=45
Ω
5
5
50
10
0.8
10
1
45
50
2
–10
–100
tPLH
VCC=5V, CL=15pF
Parameter
Symbol
Condition
min
typ
max
Unit
s Electrical Characteristics (VCC=5V, Ta=25˚C)
30
25
20
15
10
5
–20
0
25
50
75
100
125
150
When Infinite Heat Sink is used
Ambient Temperature Ta (˚C)
PD – Ta
s Characteristics Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com