Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN8695 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DN8695
Description  9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN8695 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DN8695 Datasheet HTML 1Page - Panasonic Semiconductor DN8695 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
s Overview
The DN8695 is a 9-circuit non-inverting type driver array com-
posed of TTL circuit and 1.5A NPN Darlington transistors.
s Features
• 9 circuits
• High breakdown voltage : VCE(SUS) =50V (min)
• Large output current : IO =1.5A (max)
• Low active input
• TTL compatible input
s Applications
• Driving of the printer motors, etc.
• Driving of the LEDs, lamps, and various relays
DN8695
9-circuit Darlington Driver Array (High Breakdown Voltage : 50V,
Large Drive Current : 1.5A)
23-pin ZIP Plastic Package with Fin (HZIP023-P-0138)
(12.33)
11.3
±0.25
4.5min
3.7min
8.2
±0.3
Unit : mm
(12.33)
(2.2)
0.25
+ 0.1
– 0.05
I
VCC
Q1
Q2
Q
GND
P-GND
R
R
s Schematic Circuit (1 Circuit)
7
5
9
11
15
13
17
21
1
3
8
10
4
6
16
18
23
20
19
22
12
14
2
VCC
I3
I4
I1
I2
I7
I8
I9
I5
I6
Q3
P-GND1
Q1
Q2
Q7
Q8
Q9
Q5
Q4
Q6
P-GND2
P-GND3
Fin
GND
Note) GND, Fin, P-GND 1, 2, and 3 are
connected inside the IC, but be sure
to connect them outside for use.
s Block diagram
Input (In)
Output (Qn)
s Function Table
L
H
OPEN
L
H
H
Symbol
Pin name
s Pin Descriptions
Q1 to Q9
P-GND1 to P-GND3
I1 to I9
GND
VCC
Fin
Output pin
Driver ground pin
Input pin
Ground pin
Power pin
Fin


Similar Part No. - DN8695

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
More results

Similar Description - DN8695

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
logo
Allegro MicroSystems
7003 ALLEGRO-7003 Datasheet
144Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205_08 Datasheet
78Kb / 3P
High-Voltage, Large-Current Darlington Driver
LB1205M SANYO-LB1205M_08 Datasheet
75Kb / 3P
High-Voltage, Large-Current Darlington Driver
logo
ON Semiconductor
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
LB1205 ONSEMI-LB1205 Datasheet
76Kb / 4P
High-Voltage, Large-Current Darlington Driver
March, 2014
EN1831 ONSEMI-EN1831 Datasheet
82Kb / 4P
High-Voltage, Large-Current Darlington Driver
March, 2014
LB1205M ONSEMI-LB1205M Datasheet
72Kb / 3P
High-Voltage, Large-Current Darlington Driver
August, 2013
logo
Unisonic Technologies
ULN2012 UTC-ULN2012 Datasheet
186Kb / 6P
HIGH VOLTAGE HIGH CURRENT DARLINGTON ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com