Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540BCPZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9540BCPZ
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540BCPZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9540BCPZ Datasheet HTML 24Page - Analog Devices AD9540BCPZ Datasheet HTML 25Page - Analog Devices AD9540BCPZ Datasheet HTML 26Page - Analog Devices AD9540BCPZ Datasheet HTML 27Page - Analog Devices AD9540BCPZ Datasheet HTML 28Page - Analog Devices AD9540BCPZ Datasheet HTML 29Page - Analog Devices AD9540BCPZ Datasheet HTML 30Page - Analog Devices AD9540BCPZ Datasheet HTML 31Page - Analog Devices AD9540BCPZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD9540
Rev. 0 | Page 31 of 32
CFR2<7:6> Open
Unused locations. Write a Logic 0.
CFR2<5> CP Polarity
This bit sets the polarity of the charge pump in response to a
ground referenced or a supply referenced VCO.
CFR2<5> = 0 (default). The charge pump is configured to
operate with a supply referenced VCO. If CLK2 lags REFIN, the
charge pump attempts to drive the VCO control node voltage
higher. If CLK2 leads REFIN, the charge pump attempts to drive
the VCO control node voltage lower.
CFR2<5> = 1. The charge pump is configured to operate with a
ground referenced VCO. If CLK2 lags REFIN, the charge pump
attempts to drive the VCO control node voltage lower. If CLK2
leads REFIN, the charge pump attempts to drive the VCO
control node voltage higher.
CFR2<4> Charge Pump Full Power-Down
This bit, when set, puts the charge pump into a full power-down
mode.
CFR2<4> = 0 (default). The charge pump is powered on and
operating normally.
CFR2<4> = 1. The charge pump is powered down completely.
CFR2<3> Charge Pump Quick Power-Down
Rather than power down the charge pump, which can take a
long time to recover from, a quick power-down mode that pow-
ers down only the charge pump output buffer is included. While
this does not reduce the power consumption significantly, it
does shut off the output to the charge pump and allows it to
come back on rapidly.
CFR2<3> = 0 (default). The charge pump is powered on and
operating normally.
CFR2<3> = 1. The charge pump is on and running, but the
output buffer is powered down.
CFR2<2:0> Charge Pump Current Scale
A base output current from the charge pump is determined by a
resistor connected from the CP_RSET pin to ground (see the
PLL Circuitry section). However, it is possible to multiply the
charge pump output current by a value from 1:8 by program-
ming these bits. The charge pump output current is scaled by
CFR2<2:0> +1.
CFR2<2:0> = 000 (default)
Scale factor = 1 to CFR2<2:0> = 111 (8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com