Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9540BCPZ
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9540BCPZ Datasheet HTML 19Page - Analog Devices AD9540BCPZ Datasheet HTML 20Page - Analog Devices AD9540BCPZ Datasheet HTML 21Page - Analog Devices AD9540BCPZ Datasheet HTML 22Page - Analog Devices AD9540BCPZ Datasheet HTML 23Page - Analog Devices AD9540BCPZ Datasheet HTML 24Page - Analog Devices AD9540BCPZ Datasheet HTML 25Page - Analog Devices AD9540BCPZ Datasheet HTML 26Page - Analog Devices AD9540BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD9540
Rev. 0 | Page 23 of 32
INSTRUCTION BYTE
The instruction byte contains the following information:
Table 4.
D7
D6
D5
D4
D3
D2
D1
D0
R/Wb
X
X
A4
A3
A2
A1
A0
R/Wb—Bit 7 of the instruction byte determines whether a read
or write data transfer occurs after the instruction byte write.
Logic 1 indicates a read operation. Logic 0 indicates a write
operation.
X, X—Bits 6 and 5 of the instruction byte are Don’t Care.
A4, A3, A2, A1, and A0—Bits 4, 3, 2, 1, and 0 of the instruction
byte determine which register is accessed during the data
transfer portion of the communications cycle.
SERIAL INTERFACE PORT PIN DESCRIPTION
SCLK—Serial Clock. The serial clock pin is used to synchronize
data to and from the AD9540 and to run the internal state
machines. The SCLK maximum frequency is 25 MHz.
CS—Chip Select Bar. CS is the active low input that allows more
than one device on the same serial communications line. The
SDO and SDI/O pins go to a high impedance state when this
input is high. If driven high during any communications cycle,
that cycle is suspended until CS is reactivated low. Chip select
can be tied low in systems that maintain control of SCLK.
SDI/O—Serial Data Input/Output. Data is always written to the
AD9540 on this pin. However, this pin can be used as a bidirec-
tional data line. CFR1<7> controls the configuration of this pin.
The default value (0) configures the SDI/O pin as bidirectional.
SDO—Serial Data Out. Data is read from this pin for protocols
that use separate lines for transmitting and receiving data. When
the AD9540 operates in a single bidirectional I/O mode, this pin
does not output data and is set to a high impedance state.
I/O_RESET—A high signal on this pin resets the I/O port state
machines without affecting the addressable registers’ contents.
An active high input on the I/O_RESET pin causes the current
communication cycle to abort. After I/O_RESET returns low
(0), another communication cycle can begin, starting with the
instruction byte write. Note that when not in use, this pin
should be forced low, because it floats to the threshold value.
MSB/LSB TRANSFERS
The AD9540 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by the LSB first bit in Control
Register 1 (CFR1<15>). The default value of this bit is low (MSB
first). When CFR1 <15> is set high, the AD9540 serial port is in
LSB first format. The instruction byte must be written in the
format indicated by CFR1 <15>. If the AD9540 is in LSB first
mode, the instruction byte must be written from LSB to MSB.
However, the instruction byte phase of the communications
cycle still precedes the data transfer cycle.
For MSB first operation, all data written to (read from) the
AD9540 are in MSB first order. If the LSB mode is active, all
data written to (read from) the AD9540 are in LSB first order.
CS
SCLK
SDI/O
TPRE
TDSU
TSCLKW
TDHLD
SECOND BIT
FIRST BIT
SYMBOL
TPRE
TSCLKW
TDSU
TDHLD
MIN
6ns
40ns
6.5ns
0ns
DEFINITION
CS SETUP TIME
PERIOD OF SERIAL DATA CLOCK (WRITE)
SERIAL DATA SETUP TIME
SERIAL DATA HOLD TIME
Figure 40. Timing Diagram for Data Write to AD9540
TDV
FIRST BIT
SECOND BIT
SDI/O
SDO
SCLK
CS
SYMBOL
TDV
TSCLKR
MAX
40ns
400ns
DEFINITION
DATA VALID TIME
PERIOD OF SERIAL DATA CLOCK (READ)
TSCLKR
Figure 41. Timing Diagram for Data Read to AD9540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com