Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-2/5-VDP-2000-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-2/5-VDP-2000-RPS
Description  Remote Adhesive-Mount Dual-Band WiFi Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-2/5-VDP-2000-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-2/5-VDP-2000-RPS Datasheet HTML 1Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 2Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 3Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 4Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 5Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 6Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 7Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
VDP Industrial Series
Remote Adhesive-Mount Dual-Band WiFi Antenna
Features
• Performance at 2.4 GHz
― VSWR: ≤ 1.5
― Peak Gain: 2.4 dBi
― Efficiency: 23%
• Performance at 5 GHz
― VSWR: ≤ 1.4
― Peak Gain: -0.6 dBi
― Efficiency: 12%
• Low profile
― 115.0 mm x 22.0 mm x 6.3 mm
• Durable UV protected enclosure rated at IP67 for
heavy-duty outdoor use
• Low-loss RG-174/U coaxial cable for improved
performance at higher frequencies
• SMA plug (male pin) or RP-SMA plug (female
socket) connector
Ordering Information
Part Number
Description
ANT-2/5-VDP-2000-SMA
Remote adhesive-mount dual-band WiFi antenna with 2 m of RG-174/U low-loss coaxial
cable terminated in an SMA plug (male pin)
ANT-2/5-VDP-2000-RPS
Remote adhesive-mount dual-band WiFi antenna with 2 m of RG-174/U low-loss coaxial
cable terminated in an RP-SMA plug (female socket)
Available from Linx Technologies and select distributors and representatives.
The Linx VDP industrial series offers rugged remote-
mount dipole antennas having excellent performance
for single- and dual-band WiFi/WLAN as well as
other 2.4 GHz or 5 GHz ISM and U-NII frequency
band applications.
The dual-band VDP industrial antennas are durable,
low profile, IP67 ratable, and UV protected. They
mount permanently to non-conductive surfaces
using the integrated adhesive patch and connect
using 2 meters of RG-174/U low-loss cable
terminated in an SMA plug (male pin), or RP-SMA
plug (female socket) connector for FCC Part 15
compliant applications.
Applications
• Single- and dual-band WiFi/WLAN
― 802.11b/g
― WiFi 4 (802.11n)
― WiFi 5 (802.11ac)
― U-NII bands 1-4
• ISM Applications:
― Bluetooth®
― ZigBee®
• Internet of Things (IoT) devices
• Smart Home networking
• Sensing and remote monitoring


Similar Part No. - ANT-2/5-VDP-2000-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-2/5-HDP-2000-RPS LINX-ANT-2/5-HDP-2000-RPS Datasheet
987Kb / 8P
Remote Adhesive-Mount Dual-Band WiFi Antenna
2021
ANT-2/5-HDP-2000-SMA LINX-ANT-2/5-HDP-2000-SMA Datasheet
987Kb / 8P
Remote Adhesive-Mount Dual-Band WiFi Antenna
2021
More results

Similar Description - ANT-2/5-VDP-2000-RPS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W5030 PULSE-W5030 Datasheet
560Kb / 6P
Band WiFi Antenna
logo
Unictron Technologies C...
H2U84W1H1S0300 UNICTRON-H2U84W1H1S0300 Datasheet
1Mb / 21P
WiFi Dual Band Ceramic Chip Antenna
logo
Taoglas antenna solutio...
G50A0305E151 TAOGLAS-G50A0305E151 Datasheet
996Kb / 10P
Wide Band Adhesive Mount Antenna 700-600Mhz.
logo
Raltron Electronics Cor...
RPA-W2W5-P-25-G RALTRON-RPA-W2W5-P-25-G Datasheet
212Kb / 3P
DUAL BAND WiFi PATCH ANTENNA
logo
Abracon Corporation
ACAR0301-SW2 ABRACON-ACAR0301-SW2 Datasheet
813Kb / 10P
Low Profile Dual Band WiFi Chip Antenna
11.09.2018
ACAR0301-SW2-EVB ABRACON-ACAR0301-SW2-EVB Datasheet
716Kb / 4P
Dual Band WiFi Chip Antenna Evaluation Board
09-2-19
logo
Linx Technologies
ANT-9-HDP-2000-SMA LINX-ANT-9-HDP-2000-SMA Datasheet
980Kb / 8P
Remote Adhesive-Mount 868 MHz/915 MHz Antenna
2021
ANT-5-HDP-2000-SMA LINX-ANT-5-HDP-2000-SMA Datasheet
987Kb / 8P
Remote Adhesive-Mount Dual-Band WiFi Antenna
2021
ANT-LTE-VDP-2000-SMA LINX-ANT-LTE-VDP-2000-SMA Datasheet
1,014Kb / 10P
Remote Adhesive-Mount Cellular Antenna
2021
logo
Molex Electronics Ltd.
2042810100 MOLEX-2042810100_V01 Datasheet
167Kb / 1P
2.4/5GHZ WIFI DUAL BAND ANTENNA
2020/09/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com