Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-2/5-VDP-2000-RPS Datasheet(PDF) 6 Page - Linx Technologies

Part # ANT-2/5-VDP-2000-RPS
Description  Remote Adhesive-Mount Dual-Band WiFi Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-2/5-VDP-2000-RPS Datasheet(HTML) 6 Page - Linx Technologies

  ANT-2/5-VDP-2000-RPS Datasheet HTML 1Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 2Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 3Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 4Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 5Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 6Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 7Page - Linx Technologies ANT-2/5-VDP-2000-RPS Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Datasheet
VDP Industrial Series
ANT-2/5-VDP-2000-ccc
5150 MHz to 5850 MHz (5500 MHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
5150 MHz
5500 MHz
5850 MHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
Radiation Patterns
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
2400 MHz to 2485 MHz (2450 MHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
2400 MHz
2450 MHz
2490 MHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
Figure 7. ANT-2/5-VDP-2000 Radiation Patterns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com