Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40W Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # BAS40W
Description  Surface Mount Switching Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAS40W Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  BAS40W Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BAS40 Series
Surface Mount Switching Diode
5
Document No.: F21837S
27-DEC-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
Unit: mm
5-1. Dimension-SOT23
5-2. PCB Pad Layout Recommendation-SOT23
5. Package Information
SOT23
Dim
Min.
Max.
Typ.
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.890
1.00
0.975
K1
0.903
1.10
1.025
L
0.45
0.61
0.55
L1
0.25
0.55
0.40
M
0.085
0.150
0.110
a
8°
Dim
Millimeter
C
2.0
X
0.8
X1
1.35
Y
0.9
Y1
2.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com