Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40W Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # BAS40W
Description  Surface Mount Switching Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAS40W Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  BAS40W Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAS40W Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAS40 Series
Surface Mount Switching Diode
1
Document No.: F21837S
27-DEC-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
1-1. Feature List
●
For General Purpose Switching Applications
●
Fast Switching Speed
●
Totally Lead-Free & Fully RoHS Compliant
●
Halogen and Antimony Free. “Green” Device
●
High Breakdown Voltage
●
Low Capacitance
●
Low Leakage Current
SOT23
1-3. Mechanical Characteristics
●
Molded JEDEC Package: SOT23 / SOT323
●
Packing: Tape and Reel
●
Flammability Rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: Level 1
1-2. Applications
●
Ultra High-Speed Switching
●
Voltage Clamping
Parameter
Symbol
Conditions
Values
Units
Peak Repetitive Reverse Voltage
V RRM
T J = 25°C
40
V
Working Peak Reverse Voltage
V RWM
DC Reverse Voltage
V R
Non-repetitive Peak Reverse Voltage
V RM
Average Forward Current
I F
-
200
mA
Repetitive Peak Forward Current
I FRM
t p ≤ 1 s; δ ≤ 0.5
Non-repetitive Peak Forward Surge Current
I FSM
t p ≤ 10 ms
600
Power Dissipation
P D
-
200
mW
Thermal Resistance, Junction-Ambient (Air)
R ƟJA
-
500
°C/W
Operating Temperature Range
T J
-
-55 ~ +150
°C
Storage Temperature Range
T STG
-
SOT323
BAS40
BAS40-04
BAS40-05
BAS40-06
1. Synopsis
1-4. Absolute Maximum Ratings


Similar Part No. - BAS40W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Apr 26
logo
Siemens Semiconductor G...
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Diodes Incorporated
BAS40W DIODES-BAS40W Datasheet
57Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30114 Rev. 8 - 2
logo
Weitron Technology
BAS40W WEITRON-BAS40W Datasheet
206Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAS40W DIODES-BAS40W Datasheet
361Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30114 Rev. 12 - 2
More results

Similar Description - BAS40W

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com