Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46WS Datasheet(PDF) 3 Page - FutureWafer Tech Co.,Ltd

Part # BAT46WS
Description  Schottky Barrier Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT46WS Datasheet(HTML) 3 Page - FutureWafer Tech Co.,Ltd

  BAT46WS Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BAT46W Family
Schottky Barrier Rectifier
3
Document No.: F21842X
27-DEC-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
V F, Instantaneous Forward Voltage (V)
Fig 2. Typical Forward Characteristics
Fig 3. Typical Reverse Characteristics
V R, DC Reverse Voltage (V)
Parameter
Symbol
Values
Units
Min.
Typ.
Max.
R thJA, SOD123
-
-
500
°C/W
Thermal Resistance, Junction-Ambient
R thJA, SOD323 / FL -
-
550
Fig 1. Power Derating Characteristics
T A, Ambient Temperature (°C)
Fig 4. Capacitance vs. Reverse Voltage
V R, Instantaneous Reverse Voltage (V)
3-1. Thermal Characteristics
3. Electrical Property
3-2. Ratings and Characteristics Curve (TA=25°C unless otherwise noted)
T J = 25°C
T J = 85°C
T J = 125°C
T J = 25°C
T J = 50°C
T J = 75°C
T J = 100°C
T J = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com