Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46WS Datasheet(PDF) 7 Page - FutureWafer Tech Co.,Ltd

Part # BAT46WS
Description  Schottky Barrier Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT46WS Datasheet(HTML) 7 Page - FutureWafer Tech Co.,Ltd

Back Button BAT46WS Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd BAT46WS Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BAT46W Family
Schottky Barrier Rectifier
7
Document No.: F21842X
27-DEC-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
SOD323FL
Dim.
Min.
Typ.
Max.
A
0.80
-
1.10
b
0.25
-
0.40
c
0.10
-
0.15
D
1.15
-
1.35
E
1.60
-
1.80
He
2.30
-
2.80
L1
0.7
-
1.0
L2
0.8
-
1.2
α1
-
-
7°
α2
-
-
3°
β1
-
-
7°
β2
-
-
3°
Dimension
Values
G
2.0
X
1.4
X1
3.0
Y
0.5
Unit:mm
Unit:mm
5-5. Dimension-SOD323FL
5-6. PCB Pad Layout Recommendation-SOD323FL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com