Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70W Datasheet(PDF) 14 Page - FutureWafer Tech Co.,Ltd

Part # BAS70W
Description  Surface Mount Switching Diode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAS70W Datasheet(HTML) 14 Page - FutureWafer Tech Co.,Ltd

Back Button BAS70W Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 13Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 14Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 15Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 16Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 17Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 18Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Document No.: F21837G
27-DEC-2021 V 2.0
www.futurewafer.com.tw
FQE-001-04
BAS70 Series
Surface Mount Switching Diode
6-5. Taping and Reel Specification-SOD523FL
Taping Width
Tape Orientation
8mm
6-6. Embossed Carrier Tape Specification-SOD523FL
Dimension W
D
D1
E
F
P
P0
P2
t
W
Values
8
mm
1.5
±0.1
0.6
Max.
1.75
±0.1
3.5
±0.05
2
±0.1
4
±0.1
2
±0.1
0.23
±0.02
8 +0.3
/ -0.1
A0 /
B0 /
K0
Determined by Component Size. The Clearance Between the Component And The Cavity Must Comply
to The Rotational And Lateral Movement Requirement Provided in Figures in The “Maximum
Component Movement in Tape Pocket” Section.
Unit: mm
Direction Of Feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com