Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70W Datasheet(PDF) 7 Page - FutureWafer Tech Co.,Ltd

Part # BAS70W
Description  Surface Mount Switching Diode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAS70W Datasheet(HTML) 7 Page - FutureWafer Tech Co.,Ltd

Back Button BAS70W Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd BAS70W Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Document No.: F21837G
27-DEC-2021 V 2.0
www.futurewafer.com.tw
FQE-001-04
BAS70 Series
Surface Mount Switching Diode
Unit: mm (inch)
5-5. Dimension-SOD123FL
5-6. PCB Pad Layout Recommendation-SOD123FL
SOD123FL
Dim
Min.
Max.
Body Length
2.60
3.00
Lead Span Nominal
3.50
3.90
Lead Width
0.70
1.20
Body Width
1.65
1.95
Height
0.80
1.25
Lead Height
0.195
0.205
Lead Length
0.35
0.60
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com