Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM397 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM397
Description  Single General Purpose Voltage Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM397 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM397 Datasheet HTML 1Page - National Semiconductor (TI) LM397 Datasheet HTML 2Page - National Semiconductor (TI) LM397 Datasheet HTML 3Page - National Semiconductor (TI) LM397 Datasheet HTML 4Page - National Semiconductor (TI) LM397 Datasheet HTML 5Page - National Semiconductor (TI) LM397 Datasheet HTML 6Page - National Semiconductor (TI) LM397 Datasheet HTML 7Page - National Semiconductor (TI) LM397 Datasheet HTML 8Page - National Semiconductor (TI) LM397 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Application Notes (Continued)
Input Stage
The LM397 has a bipolar input stage. The input common
mode voltage range is from 0 to (V
S – 1.5V).
Output Stage
The LM397 has an open collector grounded-emitter NPN
output transistor for the output stage. This requires an exter-
nal pull-up resistor connected between the positive supply
voltage and the output. The external pull-up resistor should
be high enough resistance so to avoid excessive power
dissipation. In addition, the pull-up resistor should be low
enough resistance to enable the comparator to switch with
the load circuitry connected. Because it is an open collector
output stage, several comparator outputs can be connected
together to create an OR’ing function output. With an open
collector, the output can be used as a simple SPST switch to
ground.The amount of current which the output can sink is
approximately 10mA. When the maximum current limit is
reached, the output transistor will saturate and the output will
rise rapidly (
Figure 4).
20022107
FIGURE 4. Output Saturation Voltage vs. Output Sink
Current
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com