Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM397 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM397
Description  Single General Purpose Voltage Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM397 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM397 Datasheet HTML 1Page - National Semiconductor (TI) LM397 Datasheet HTML 2Page - National Semiconductor (TI) LM397 Datasheet HTML 3Page - National Semiconductor (TI) LM397 Datasheet HTML 4Page - National Semiconductor (TI) LM397 Datasheet HTML 5Page - National Semiconductor (TI) LM397 Datasheet HTML 6Page - National Semiconductor (TI) LM397 Datasheet HTML 7Page - National Semiconductor (TI) LM397 Datasheet HTML 8Page - National Semiconductor (TI) LM397 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM397
Single General Purpose Voltage Comparator
General Description
The LM397 is a single voltage comparator with an input
common mode that includes ground. The LM397 is designed
to operate from a single 5V to 30V power supply or a split
power supply. Its low supply current is virtually independent
of the magnitude of the supply voltage.
The LM397 features an open collector output stage. This
allows the connection of an external resistor at the output.
The output can directly interface with TTL, CMOS and other
logic levels, by tying the resistor to different voltage levels
(level translator).
The LM397 is available in space saving SOT23-5 package
and pin compatible to TI’s TL331, single differential com-
parator.
Features
(T
A = 25˚C. Typical values unless otherwise specified).
n
SOT23-5 package
n
Industrial operating range
−40˚C to +85˚C
n
Single or dual power supplies
n
Wide supply voltage range
5V to 30V
n
Low supply current
300µA
n
Low input bias current
7nA
n
Low input offset current
±1nA
n
Low input offset voltage
±2mV
n
Response time
440ns (50mV overdrive)
n
Input common mode voltage
0 to V
S - 1.5V
Applications
n
A/D converters
n
Pulse, square wave generators
n
Peak detector
n
Industrial applications
Connection Diagram
SOT23-5
20022108
Top View
Typical Circuit
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
5-Pin SOT-23
LM397MF
C397
1k Units Tape and Reel
MF05A
LM397MFX
3k Units Tape and Reel
20022109
FIGURE 1. Inverting Comparator with Hysteresis
June 2001
© 2001 National Semiconductor Corporation
DS200221
www.national.com


Similar Part No. - LM397

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
Texas Instruments
LM397 TI-LM397 Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397 TI-LM397 Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
823Kb / 15P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
859Kb / 19P
Single General-Purpose Voltage Comparator
More results

Similar Description - LM397

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
General-purpose low voltage comparator
10-Dec-2009
logo
Texas Instruments
LM397MFX TI-LM397MFX Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397MF TI-LM397MF Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
823Kb / 15P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
Single General-Purpose Voltage Comparator
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
Single General Purpose Voltage Comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com