Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1730QL3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SSD1730QL3
Description  SSD1730 MLA Power Chip CMOS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1730QL3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SSD1730QL3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SEMICONDUCTOR TECHNICAL DATA
This document contains information on a new product. Specifications and information herein are subject to change without notice.
IC manufactured under Motif license including U.S. Patent No. 5,420,604
Copyright
 2001 SOLOMON Systech Limited
Rev 2.0
04/2002
SSD1730
Advanced Infomation
SSD1730 MLA Power Chip
CMOS
1. GENERAL DESCRIPTION
The SSD1730 is a power chip for operating four-line MLA (Multi Line Addressing) LCD drivers. It consists of a
CMOS charge pump-type voltage converter that can generate all the bias voltages required for the four-line MLA
drive based on a single power supply input.
This can be used for the system that is formed by a column (segment) driver such as SSD1870 and a row
(common) driver such as SSD1881. Such type of display system is able to produce a module with lower power
consumption when comparing with the conventional driving method.
2. FEATURES
! Single Power Supply Operation, +2.4V to +3.6V
! Low current consumption
! Two step-up modes, 5X or 6X step-up by internal charge pump DC/DC converter
! Internal LCD voltage generator to generate all LCD voltages required for 4-line MLA driving
! External contrast control
! Internal –V1 discharge circuit to discharge the residual charge at the row driver negative
voltage-side power supply voltage terminal –V1
! Internal “power off” function using an external signal
! Equipped internally with a LCD polarity reverse signal generator
! Polarity reversed period in the range of 2P to 17P
! Available in 48 pin QFP package (0.5 mm terminal pitch)
3. ORDERING INFORMATION
Ordering Part Number
Package Dimension
Package Form
SSD1730QL3
7 mm x 7mm
48 LQFP
Table 1 - Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com