Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1730QL3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SSD1730QL3
Description  SSD1730 MLA Power Chip CMOS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1730QL3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SSD1730QL3 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SSD1730
Rev 2.0
04/2002
SOLOMON
5
7. PIN DESCRIPTION
Key:
I =Input
O =Output
I/O = Bi-Directional (Input/Output)
P = Power pin
NC = Dummy pin
Pin Name
Type
Pin#
Description
VDD_PWR
P
17, 29 &36
Power supply pin
VSS
P
5, 15, 22, 31 & 41
Ground pin
Table 3 - Power Supply Pins
Pin Name
Type
Pin#
Description
L0 to L3
I
37 to 40
These input pins are used to set the polarity
reversal interval ranging from 2P to 17P.
FR
O
43
This is an output pin and the FR signal is
generated from the LCD polarity reverse signal
generator.
XFR
O
44
This is an output pin and the XFR signal is also
generated from the LCD polarity reverse signal
generator. This signal is a reverse phase from FR
signal.
Table 4 - Pins for frame signal generator
Pin Name
Type
Pin#
Description
LP
I
42
This input pin is used to generate the charge pump
clock and the polarity reverse signal FR and XFR.
A pulse signal with a period of 1P should be fed
into this pin.
XSLP
I
45
This input pin is used to switch on or off the
display. When it is set to VSS level, the clock and
the operations of the voltage converter will be stop.
The display will be off. When it is set to VDD_PWR
level, the display will be on.
Table 5 - Pins for clock signal generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com