Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # SMBJ
Description  600W Transient Voltage Suppression Diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SMBJ Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  SMBJ Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SMBJ Series
600W Transient Voltage Suppression Diodes
Document Number: F117505
15-JUL-2021 V 2.1
www.futurewafer.com.tw
2/12
2. Contents
1. Synopsis.............................................................................................................................................. 1
1-1. General Description ................................................................................................................. 1
1-2. Feature List ............................................................................................................................... 1
1-3. Applications............................................................................................................................... 1
1-4. IEC Compatibility...................................................................................................................... 1
1-5. Mechanical Characteristics ..................................................................................................... 1
2. Contents .............................................................................................................................................. 2
3. Electrical Property............................................................................................................................. 3
3-1. Absolute Maximum Ratings .................................................................................................... 3
3-2. Electrical Characteristics (Tamb=25°C) ........................................................................................ 4
3-3. I-V Curve Characteristics ........................................................................................................ 5
3-4. Ratings and Characteristics Curve (TA=25°C unless otherwise noted) ............................................... 6
4. Soldering Parameters....................................................................................................................... 7
5. Package Information......................................................................................................................... 8
5-1. Dimension ................................................................................................................................. 8
5-2. PCB Pad Layout Recommendation ....................................................................................... 8
6. Packing ................................................................................................................................................ 9
6-1. Taping and Reel Specification................................................................................................ 9
6-2. Embossed Carrier Tape Specification ................................................................................... 9
6-3. Surface Mount Reel Specification ........................................................................................ 10
6-4. Tape Leader and Trailer Specification................................................................................. 10
7. Family Members............................................................................................................................... 11
8. Ordering Information ...................................................................................................................... 12
9. Version............................................................................................................................................... 12
9-1. History...................................................................................................................................... 12
9-2. Company Profile..................................................................................................................... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com