Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # SMBJ
Description  600W Transient Voltage Suppression Diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SMBJ Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  SMBJ Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SMBJ Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SMBJ Series
600W Transient Voltage Suppression Diodes
Document Number: F117505
15-JUL-2021 V 2.1
www.futurewafer.com.tw
1/12
1. Synopsis
1-1. General Description
The SMBJ Series Has Been Designed To Protect Sensitive
Equipment Against Electro-Static Discharges According to IEC 61000-
4-2, MIL STD 883 Method 3015, And Electrical Over Stress Such as
IEC 61000-4-4 and 5. They Are Generally For Surges Below 600W
(10/1000 μs)
This Technology Makes It Compatible With High-End Equipment And
SMPS Where Low Leakage Current And High Junction Temperature
Are Required To Provide Reliability And Stability Over Time. Their
Low Clamping Voltages Provide a Better Safety Margin to Protect
Sensitive Circuits With Extended Life Time Expectancy.
Packaged in SMBJ, This Minimizes PCB Space Consumption.
1-2. Feature List
●
Bi / Uni-Directional Configurations
●
Plastic Package Has Underwriters
●
Glass Passivated Chip Junction in SMBJ Package
●
600 Watts Peak Pulse Power ( t p = 10/1000uS )
●
Halogen Free and RoHS Compliant
●
Fast Response Time: Typically Less Than
1.0ps From 0 Volts to V(BR) For Uni-Directional and
5.0ns For Bi-Directional Types
●
High Temperature Soldering Guaranteed:
250°C / 10 Seconds at Terminals
1-3. Applications
●
Power Supply Protection
●
Industrial Application
●
Power Manager
1-4. IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD): Contact: >±30KV, Air: >±30KV
●
61000-4-4(EFT)
●
61000-4-5(Surge): 10/1000uS
1-5. Mechanical Characteristics
●
Molded JEDEC SMBJ Package
●
Packing: Tape and Reel
●
Flammability Rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: Level 1
SMBJ


Similar Part No. - SMBJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ JGD-SMBJ Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMBJ YANGJIE-SMBJ Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMBJ UNIOHM-SMBJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
More results

Similar Description - SMBJ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
Transient Voltage Suppression Diodes
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
Transient Voltage Suppression Diodes
logo
FutureWafer Tech Co.,Lt...
NVS6A FUTUREWAFER-NVS6A Datasheet
1Mb / 11P
600W Transient Voltage Suppression Diodes
12-JUL-2021 V 2.1
SMA6J FUTUREWAFER-SMA6J Datasheet
1Mb / 11P
600W Transient Voltage Suppression Diodes
14-JUL-2021 V 2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com