Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3876ES-ADJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3876ES-ADJ
Description  3A Fast Ultra Low Dropout Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3876ES-ADJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3876ES-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagrams
20074405
Top View
TO220-5 Package
Bent, Staggered Leads
20074406
Top View
TO263-5 Package
Pin Description for TO220-5 and TO263-5 Packages
Pin #
LP3876-ADJ
Name
Function
1SD
Shutdown
2V
IN
Input Supply
3
GND
Ground
4V
OUT
Output Voltage
5
ADJ
Set Output Voltage
Ordering Information
20074431
Package Type Designator is "T" for TO220 package, and "S" for TO263 package.
TABLE 1. Package Marking and Ordering Information
Output
Voltage
Order Number
Current
Description
Package Type
Package Marking
Supplied As:
ADJ
LP3876ES-ADJ
3A
TO263-5
LP3876ES-ADJ
Rail
ADJ
LP3876ESX-ADJ
3A
TO263-5
LP3876ES-ADJ
Tape and Reel
ADJ
LP3876ET-ADJ
3A
TO220-5
LP3876ET-ADJ
Rail
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com