Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3876ES-ADJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3876ES-ADJ
Description  3A Fast Ultra Low Dropout Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3876ES-ADJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3876ES-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP3876ES-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP3876-ADJ
3A Fast Ultra Low Dropout Linear Regulator
General Description
The LP3876-ADJ fast ultra low-dropout linear regulators op-
erate from a +2.5V to +7.0V input supply. These ultra low
dropout linear regulators respond very quickly to step
changes in load, which makes them suitable for low voltage
microprocessor applications. The LP3876-ADJ is developed
on a CMOS process which allows low quiescent current
operation independent of output load current. This CMOS
process also allows the LP3876-ADJ to operate under ex-
tremely low dropout conditions.
Dropout Voltage: Ultra low dropout voltage; typically 80mV
at 300mA load current and 800mV at 3A load current.
Ground Pin Current: Typically 6mA at 3A load current.
Shutdown Mode: Typically 1µA quiescent current when the
shutdown pin is pulled low.
Adjustable Output Voltage: The output voltage may be
programmed via two external resistors.
Features
n
Ultra low dropout voltage
n
Low ground pin current
n
Load regulation of 0.08%
n
1µA quiescent current in shutdown mode
n
Guaranteed output current of 3A DC
n
Available in TO-263 and TO-220 packages
n
Minimum output capacitor requirements
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Microprocessor power supplies
n
GTL, GTL+, BTL, and SSTL bus terminators
n
Power supplies for DSPs
n
SCSI terminator
n
Post regulators
n
High efficiency linear regulators
n
Battery chargers
n
Other battery powered applications
Typical Application Circuit
20074445
*See Application Hints
September 2003
© 2003 National Semiconductor Corporation
DS200744
www.national.com


Similar Part No. - LP3876ES-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3876ES-ADJ TI-LP3876ES-ADJ Datasheet
1,017Kb / 19P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
LP3876ES-ADJ/NOPB TI-LP3876ES-ADJ/NOPB Datasheet
1,017Kb / 19P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
LP3876ES-ADJ/NOPB TI2-LP3876ES-ADJ/NOPB Datasheet
579Kb / 20P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
REVISED APRIL 2013
LP3876ES-ADJ/NOPB.A TI2-LP3876ES-ADJ/NOPB.A Datasheet
579Kb / 20P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
REVISED APRIL 2013
More results

Similar Description - LP3876ES-ADJ

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LP38513 NSC-LP38513 Datasheet
398Kb / 14P
3A Fast Response Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP38513 TI1-LP38513_14 Datasheet
2Mb / 20P
3A Fast Response Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LP38513 TI1-LP38513 Datasheet
2Mb / 25P
3A Fast Response Ultra-Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com