Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB34-2500 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # VB34-2500
Description  Barcode scanner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VB34-2500 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  VB34-2500 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 3Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 4Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Connection
Pin
RS232
RS485 full-duplex
RS485 half-duplex
2
TX
TX485 +
RTX485 +
3
RX
RX485 +
4
RTS
TX485 -
RTX485 -
5
CTS
RX485 -
7
GND_ISO
GND_ISO
GND_ISO
Electrical connections of the connector for primary interface
Pin
Name
Function
1
Schirm
The shield is interfaced with chassis ground
via a capacitor internally.
20
RXAUX
Receive data of RS232 interface (earth-related)
21
TXAUX
Transmission data of RS232 interface (earth-related)
8
Out1+
Plus lead of digital output 1
22
Out1-
Minus lead of digital output 1
11
Out2+
Plus lead of digital output 2
12
Out2-
Minus lead of digital output 2
16
Out3A
Digital output 3 - polarity commutable
17
Out3B
Digital output 3 - polarity commutable
18
Ext_TRIG. A
External trigger (polarity commutable)
19
Ext_TRIG. B
External trigger (polarity commutable)
6
IN 2A
Input signal 2 (polarity commutable)
10
IN 2B
Input signal 2 (polarity commutable)
14
IN 3A
Input signal 3 (polarity commutable)
15
IN 4A
Input signal 4 (polarity commutable)
24
IN_REF
Common earth reference for IN3 and IN4 (polarity commutable)
9, 13
VS
Supply voltage - plus
23, 25
GND
Supply voltage - minus (earth)
1
13
14
25
Characteristic Curve
VB34
400
300
200
100
0
-100
-200
-300
-400
400 450 500
550
600
650
700 750
800 850
Reading characteristics
NOTE
(0.0) is the center of the laser beam output window.
in mm
in mm
read characteristics at resolution: 0.20 mm (8 mils)
Barcode scanner
VB34-2500
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com