Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB34-2500 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # VB34-2500
Description  Barcode scanner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VB34-2500 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  VB34-2500 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 3Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 4Page - Pepperl+Fuchs Inc. VB34-2500 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VB34
700
600
500
400
300
200
100
0
-100
-200
-300
-400
-500
-600
-700
400
600
800
1000
1200 1400
1600
1800
Reading characteristics
NOTE
(0.0) is the center of the laser beam output window.
in mm
in mm
read characteristics at resolution: 0.375 mm (15 mils)
VB34
700
600
500
400
300
200
100
0
-100
-200
-300
-400
-500
-600
-700
400
600 800 1000 1200 1400 1600 1800 2000
Reading characteristics
NOTE
(0.0) is the center of the laser beam output window.
in mm
in mm
Global read
zone
read characteristics at resolution: 0.50 mm (20 mils)
Barcode scanner
VB34-2500
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com