Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC74WL02AASR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC74WL02AASR
Description  CMOS Logic Dual 2-input NOR Gate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WL02AASR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC74WL02AASR Datasheet HTML 1Page - Torex Semiconductor XC74WL02AASR Datasheet HTML 2Page - Torex Semiconductor XC74WL02AASR Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMOS Logic
895
13
XC74WL02AASR is Dual 2-input NOR Gate manufactured using silicon
gate CMOS processes. The small quiescent current, which is one of the
features of the CMOS logic, gives way to high speed operations which
enables LS-TTL.
With wave forming buffers connected internally, stabilized output can be
achieved as the series offers high noise immunity.
As the series is integrated into a mini molded, MSOP-8B package, high
density mounting is possible.
■Description
High Speed Operations
: tpd = 2.65ns TYP (VCC=5V)
Operating Voltage Range : 2V ~ 5.5V
Low Power Consumption:1
µA (max)
Small Package
: MSOP-8B
GPalmtops
GDigital Equipment
■Features
■Applications
NCMOS Logic Dual 2-input NOR Gate
NOperating Voltage Range : 2V ~ 5.5V
NHigh Speed Operations : tpd = 2.65ns TYP
NLow Power Consumption : 1µA (max)
NMSOP-8B Package
■Pin Configuration
■Functions
■Absolute Maximum Ratings
VCC
2B
1A
1B
2Y
GND
1Y
2A
1
2
3
4
5
6
7
8
MSOP-8B
(TOP VIEW)
H = High Level
L = Low Level
INPUT
OUTPUT
A
B
H
H
H
L
L
H
L
L
Y
L
L
L
H
PARAMETER
Power Supply Voltage
SYMBOL
RATINGS
UNITS
−20
V
Input Voltage
Output Voltage
Input Diode Current
Output Diode Current
VCC, GND Current
VCC
VIN
VOUT
IIK
IOK
ICC, IGND
−0.5∼+6.0
−0.5∼+6.0
−0.5∼VCC+0.5
±20
±50
V
V
mA
mA
mA
Ta=−40℃∼85℃
Switch Output Current
IOUT
±25
mA
Storage Temperature
Tstg
−65∼+150
℃
Power Dissipation (Ta=25℃)
Pd
300
mW
Note; Voltage is all Ground standardized.
13S_03XC74WL(02AASR) 02.09.12 15:53 ページ 895


Similar Part No. - XC74WL02AASR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74WL02AASR TOREX-XC74WL02AASR Datasheet
145Kb / 4P
CMOS Logic
XC74WL02AASR-12 TOREX-XC74WL02AASR-12 Datasheet
150Kb / 4P
CMOS Logic
XC74WL02AASR_001 TOREX-XC74WL02AASR_001 Datasheet
145Kb / 4P
CMOS Logic
XC74WL02AASR TOREX-XC74WL02AASR_12 Datasheet
150Kb / 4P
CMOS Logic
XC74WL02AASR TOREX-XC74WL02AASR_15 Datasheet
150Kb / 4P
CMOS Logic
More results

Similar Description - XC74WL02AASR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02 Datasheet
188Kb / 8P
2-Input NOR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
Texas Instruments
CD74HC4002 TI-CD74HC4002 Datasheet
36Kb / 5P
High Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
High-Speed CMOS Logic Dual 4-Input NOR Gate
logo
E-Tech Electronics LTD
MC74VHC1GT02 ETL-MC74VHC1GT02 Datasheet
558Kb / 4P
2-Input NOR Gate / CMOS Logic Level Shifter
logo
Texas Instruments
CD54HC4002 TI-CD54HC4002_07 Datasheet
489Kb / 14P
High-Speed CMOS Logic Dual 4-Input NOR Gate
logo
Renesas Technology Corp
HD74LV1GT02A RENESAS-HD74LV1GT02A Datasheet
102Kb / 7P
2-input NOR Gate / CMOS Logic Level Shifter
logo
ELM Technology Corporat...
ELM7S02B ELM-TECH-ELM7S02B Datasheet
276Kb / 3P
CMOS LOGIC IC 2-input NOR gate
ELM7SH02XB ELM-TECH-ELM7SH02XB Datasheet
277Kb / 3P
HIGH SPEED CMOS LOGIC IC 2-input NOR gate
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_15 Datasheet
84Kb / 6P
Single 2-Input NOR Gate/ CMOS Logic Level Shifter
November, 2015 ??Rev. 12
logo
ELM Technology Corporat...
ELM7S02B ELM-TECH-ELM7S02B_17 Datasheet
603Kb / 3P
CMOS LOGIC IC ELM7S02B 2-input NOR gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com