Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC74WL02AASR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC74WL02AASR
Description  CMOS Logic Dual 2-input NOR Gate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WL02AASR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC74WL02AASR Datasheet HTML 1Page - Torex Semiconductor XC74WL02AASR Datasheet HTML 2Page - Torex Semiconductor XC74WL02AASR Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■Recommended Operating Conditions
XC74WL02AASR
896
13
■DC Electrical Characteristics
■Switching Electrical Characteristics
PARAMETER
Supply Voltage
SYMBOL
CONDITIONS
UNITS
−40∼+85
V
Input Voltage
Output Voltage
Operating Temperature
Input Rise and Fall Time
VCC
VIN
VOUT
Topr
tr, tf
2∼5.5
0∼5.5
0∼VCC
0∼200(VCC=3.3V)
V
V
℃
ns
0∼100(VCC=5V)
MIN
TYP
MAX
MAX
MIN
PARAMETER
SYMBOL
CONDITIONS
UNITS
Input Voltage
Input Current
VIL
Output Voltage
VIH
VOL
ICC
Quiscent Supply Current
VIN=VIL
VIN=VIL or VIH
VIN=VCC or GND
VIN=VCC or GND, IOUT=0μA
IOH=−50μA
IOH=−4mA
IOH=−8mA
IOL=50μA
IOL=4mA
IOL=8mA
2.0
3.0
5.5
2.0
3.0
5.5
2.0
3.0
4.5
3.0
4.5
2.0
3.0
4.5
3.0
4.5
5.5
0∼5.5
Ta=25℃
Ta=−40∼85℃
−
−
−
0.5
0.9
1.65
−
−
−
−
−
0.1
0.1
0.1
0.44
0.44
10.0
1.0
1.5
2.1
3.85
−
−
−
1.9
2.9
4.4
2.48
3.80
−
−
−
−
−
−
−1.0
−
−
−
0.5
0.9
1.65
−
−
−
−
−
0.1
0.1
0.1
0.36
0.36
1.0
0.1
−
−
−
−
−
−
2.0
3.0
4.5
−
−
−
−
−
−
−
−
−
1.5
2.1
3.85
−
−
−
1.9
2.9
4.4
2.58
3.94
−
−
−
−
−
−
−0.1
V
V
V
V
μA
μA
IIN
VOH
VCC(V)
PARAMETER
SYMBOL
CONDITIONS
Propagation Delay Time
Input Capacitance
tPHL
tPLH
Power Dissipation
Capacitance
VIN=VCC or GND
15pF
50pF
15pF
50pF
−
No Load, f=1MHz
Ta=25℃
Ta=−40∼85℃
9.5
6.5
13
8.5
9.5
6.5
13
8.5
10
−
1
1
1
1
1
1
1
1
−
−
7.9
5.5
11.4
7.5
7.9
5.5
11.4
7.5
10
−
3.9
2.7
5.5
3.9
3.5
2.6
4.9
3.6
4
9.7
−
−
−
−
−
−
−
−
−
−
CIN
Cpd
CL
3.3
5.0
3.3
5.0
3.3
5.0
3.3
5.0
5.0
VCC(V)
(tr=tf=3ns)
MIN
TYP
MAX
MAX
MIN
UNITS
ns
ns
ns
ns
pF
pF
13S_03XC74WL(02AASR) 02.09.12 15:53 ページ 896



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com