Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8139727 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8139727
Description  Proximity sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8139727 Datasheet(HTML) 1 Page - Festo Corporation.

  8139727 Datasheet HTML 1Page - Festo Corporation. 8139727 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Proximity sensor
SDBC-MSB-1L-NU-K-0.3-M8
Part number: 8139727
Data sheet
Feature
Value
Design
for round slot
Conforms to standard
EN 60947-5-2
Symbol
00991150
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
KC characters
KC EMC
Special features
Oil-resistant
Note on materials
RoHS-compliant
Halogen-free
Copper-free
Application note
Cable flame-protected and flame-retardant as per UL Standard 758
Horizontal Flame Test, does not comply with fire protection according to
IEC 61010-1:2017, Edition 3.1, Section 9.3.
Measured variable
Position
Measuring principle
Magneto-resistive
Ambient temperature
-10 °C ... 70 °C
Repetition accuracy
0.2 mm
Switching output
NPN
Switching element function
N/O contact
On time
≤2.5 ms
Switch-off time
≤2.5 ms
Max. switching frequency
480 Hz
Max. output current
100 mA
Max. switching capacity DC
3 W
Voltage drop
≤0.5 V
Short-circuit protection
no
Overload protection
Not available
Rated operating voltage DC
24 V
DC operating voltage range
10 V ... 30 V
Reverse polarity protection
for all electrical connections
Electrical connection 1, connection type
Cable with plug
Electrical connection 1, connection technology
M8x1 A-coded as per EN 61076-2-104
Electrical connection 1, number of pins/wires
3
Electrical connection 1, type of mounting
Screw-type lock
1/21/22 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8139727

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8139723 FESTO-8139723 Datasheet
83Kb / 2P
Proximity sensor
1/21/22
8139724 FESTO-8139724 Datasheet
83Kb / 2P
Proximity sensor
1/21/22
8139725 FESTO-8139725 Datasheet
80Kb / 2P
Proximity sensor
1/21/22
8139726 FESTO-8139726 Datasheet
86Kb / 2P
Proximity sensor
1/21/22
More results

Similar Description - 8139727

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
Proximity sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com