Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8139727 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8139727
Description  Proximity sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8139727 Datasheet(HTML) 2 Page - Festo Corporation.

  8139727 Datasheet HTML 1Page - Festo Corporation. 8139727 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Electrical connection for input 1, connection pattern
00991155
Connection outlet orientation
Longitudinal
Cable length
0.3 m
Cable characteristic
Standard
Suitable for energy chains
Material of cable sheath
PUR
Insulating sheath material
PP
Type of mounting
Screwed tightly
Can be inserted in slot from above
Max. tightening torque
0.2 Nm
Mounting position
Any
Product weight
10 g
Housing material
PC
Material of union nut
High-alloy stainless steel
Switching status indication
LED yellow
Ambient temperature with flexible cable installation
-10 °C ... 70 °C
Degree of protection
IP67
as per IEC 60529
LABS conformity
VDMA24364 zone III
1/21/22 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com