Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3757 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3757
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices LT3757 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LT3935
16
Rev. 0
For more information www.analog.com
Figure 7. ISMON Filter Configuration
LT3935
3935 F07
ISMON
RMON
CMON
APPLICATIONS INFORMATION
Figure 6. Placement of Input Capacitors
as possible to each of the pairs of VIN pins (Pins 15 and
22) and their adjacent GND pins as shown in Figure 6.
These two capacitors should be at least 0.1μF if possible.
The VIN pins can be jointed together using a trace on the
second layer of the circuit board.
The resistor should be 1MΩ. The capacitance can be as
large or small as needed without affecting the stability
of the internal amplifier. For example, when the PWM
frequency is 200Hz, a 100nF capacitor combined with
the 1MΩ resistor would limit the ripple on ISMON to 1%.
Selecting the FB Resistors
Tworesistorsshouldbeselectedtoformanetworkbetween
the output voltage and the FB pin as shown in Figure 8.
15 16 17 18 19
8 7 6 5 4
20 21 22
3 2 1
14
13
12
11
10
9
23
24
25
26
27
28
29
BST
SW
100nF
3935 F06
GND
GND
0.1µF
CERAMIC
VIN
0.1µF
CERAMIC
VIN
TOP LAYER
BOTTOM LAYER
Monitoring LED Current
TheISMONpinprovidesanamplifiedandbufferedmonitor
of the voltage between the ISP and ISN pins. The gain of
the internal amplifier is ten, and the speed is fast enough
to track the pulse-width modulated LED current. However,
as shown in Figure 7, the ISMON voltage can be filtered
with a resistor-capacitor network to monitor the average
LED current instead.
This network forms part of a voltage regulation loop when
FB is nearly 1V. In this case, the LT3935 will override the
programmed LED current to lower the output voltage
and limit FB to 1V. This resistor configuration therefore
determines the maximum output voltage.
Note that this voltage limit may be reached inadvertently
if it is set too close to the typical output voltage and the
output capacitor is too small. To avoid interference with
the current regulation, the feedback resistors should be
chosen such that FB is about 700mV when the LEDs are
conducting.
For a 12V string of LEDs, design for a maximum output
voltage of about 17V. Start with a 10k resistor for RFB1.
To calculate the value of RFB2, add 10k for every volt of
difference between FB (1V) and the maximum output
voltage. In this case, the nearest standard 1% value for
RFB2 would be 162k.
In this way, the LT3935 can also be configured as a volt-
age regulator instead of an LED driver. It will regulate the
output voltage near the programmed maximum as long as
the load current is less than the current level programmed
by CTRL.
Figure 8. FB Resistor Configuration
LT3935
3935 F08
FB
VOUT
RFB2
RFB1
VOUT(MAX) = 1V • 1+
RFB2
RFB1
!
"#
$
%&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com