Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3757 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3757
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 2 Page - Analog Devices

  LT3757 Datasheet HTML 1Page - Analog Devices LT3757 Datasheet HTML 2Page - Analog Devices LT3757 Datasheet HTML 3Page - Analog Devices LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT3935
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO................................................ –3V to 40V
ISP, ISN, and VOUT ........................................ –3V to 40V
ISP – ISN ...............................................................±0.3V
CTRL and FB............................................. –0.3V to 3.3V
PWM, SYNC/SPRD, and FAULT.................... –0.3V to 6V
SS and VC ................................................. –0.3V to 3.3V
SW, BST, INTVCC, VREF, ISMON, RT,
and RP ............................................................... (Note 2)
Operating Junction Temperature Range (Notes 3, 4)
LT3935R............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temp ..............260°C
(Note 1)
9 10
TOP VIEW
LQFN PACKAGE
28-LEAD (5mm × 4mm × 0.94mm)
θJA = 27°C/W (MEASURED ON DC2987A)
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
11 12 13
28 27 26 25
29
GND
24
14
23
6
5
4
3
2
1
VREF
SS
VC
FB
ISP
ISN
ISMON
FAULT
VIN
NC
GND
SW
SW
GND
NC
VIN
7
17
18
19
20
21
22
16
8
15
ORDER INFORMATION
PART NUMBER
PART MARKING
FINISH CODE PAD FINISH
PACKAGE TYPE*
MSL RATING TEMPERATURE RANGE
LT3935RV#PBF
3935V
e4
Au(RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 150°C
• Contact the factory for parts specified with wider operating temperature
ranges.
• Pad finish code is per IPC/JEDEC J-STD-609.
• Parts ending with PBF are RoHS and WEEE compliant.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
*The LT3935 package has the same footprint as a standard 4mm × 5mm
QFN package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com