Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3790 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3790
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3790 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3790 Datasheet HTML 12Page - Analog Devices LT3790 Datasheet HTML 13Page - Analog Devices LT3790 Datasheet HTML 14Page - Analog Devices LT3790 Datasheet HTML 15Page - Analog Devices LT3790 Datasheet HTML 16Page - Analog Devices LT3790 Datasheet HTML 17Page - Analog Devices LT3790 Datasheet HTML 18Page - Analog Devices LT3790 Datasheet HTML 19Page - Analog Devices LT3790 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT8392
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The front page shows a typical LT8392 application circuit.
This Applications Information section serves as a guideline
of selecting external components for typical applications.
The examples and equations in this section assume con-
tinuous conduction mode unless otherwise specified.
Switching Frequency Selection
The LT8392 uses a constant frequency control scheme
between 150kHz and 650kHz. Selection of the switching
frequency is a trade-off between efficiency and compo-
nent size. Low frequency operation improves efficiency
by reducing MOSFET switching losses, but requires larger
inductor and capacitor values. For high power applica-
tions, consider operating at lower frequencies to minimize
MOSFET heating from switching losses. For low power
applications, consider operating at higher frequencies to
minimize the total solution size.
In addition, the specific application also plays an import-
ant role in switching frequency selection. In a noise-sensi-
tive system, the switching frequency is usually selected to
keep the switching noise out of a sensitive frequency band.
Switching Frequency Setting
The switching frequency of the LT8392 can be set by
the internal oscillator. With the SYNC/SPRD pin pulled to
ground, the switching frequency is set by a resistor from
the RT pin to ground. Table 1 shows RT resistor values
for common switching frequencies.
Table 1. Switching Frequency vs RT Value (1% Resistor)
fOSC (kHz)
RT (k)
150
309
200
226
300
140
400
100
500
75
600
59
650
51.1
Spread Spectrum Frequency Modulation
Switching regulators can be particularly troublesome for
applications where electromagnetic interference (EMI) is
a concern. To improve the EMI performance, the LT8392
implements a triangle spread spectrum frequency mod-
ulation scheme. With the SYNC/SPRD pin tied to INTVCC,
the LT8392 starts to spread its switching frequency
±15% around the internal oscillator frequency. Figure 9
and Figure 10 show the noise spectrum of the front page
application when spread spectrum enabled.
Figure 9. Average Conducted EMI
Figure 10. Peak Conducted EMI
FREQUENCY (MHz)
80
90
70
60
50
40
30
20
10
0
–10
0.1
1
10
8392 F09
SSFM ON WITH EMI FILTER
NOISE FLOOR
CISPER 25 CLASS 5 PEAK LIMITS
LW
MW
SW
CB
FREQUENCY (MHz)
80
90
70
60
50
40
30
20
10
0
–10
0.1
1
10
8392 F10
SSFM ON WITH EMI FILTER
NOISE FLOOR
CISPER 25 CLASS 5 PEAK LIMITS
LW
MW
SW
CB
Frequency Synchronization
The LT8392 switching frequency can be synchronized to
an external clock using the SYNC/SPRD pin. Driving the
SYNC/SPRD with a 50% duty cycle waveform is always a
good choice, otherwise maintain the duty cycle between
10% and 90%. Due to the use of a phase-locked loop
(PLL) inside, there is no restriction between the synchro-
nization frequency and the internal oscillator frequency.
The rising edge of the synchronization clock represents
the beginning of a switching cycle, turning on switches A
and C, or switches A and D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com