Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3790 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3790
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3790 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3790 Datasheet HTML 17Page - Analog Devices LT3790 Datasheet HTML 18Page - Analog Devices LT3790 Datasheet HTML 19Page - Analog Devices LT3790 Datasheet HTML 20Page - Analog Devices LT3790 Datasheet HTML 21Page - Analog Devices LT3790 Datasheet HTML 22Page - Analog Devices LT3790 Datasheet HTML 23Page - Analog Devices LT3790 Datasheet HTML 24Page - Analog Devices LT3790 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT8392
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 12 shows the implementation of external shut-
down control while still using the UVLO function. The
NMOS grounds the EN/UVLO pin when turned on, and
puts the LT8392 in shutdown with quiescent current less
than 2µA.
Figure 13. Programming Input Current Limit
LT8392
ISP
8392 F13a
ISN
RIS
+
TO DRAIN OF
SWITCH A
FROM POWER
INPUT
LT8392
ISP
8392 F13b
ISN
RIS
CF
RF
+
TO DRAIN OF
SWITCH A
FROM POWER
INPUT
RF
(13a)
(13b)
When VCTRL is larger than 1.35V, the current threshold
is regulated to:
IIS(MAX) =
50mV
RIS
The CTRL pin should not be left open (tie to VREF if not
used). The CTRL pin can also be used in conjunction with
a thermistor to provide overtemperature protection for
the output load, or with a resistor divider to VIN to reduce
output power and switching current when VIN is low.
The presence of a time varying differential voltage rip-
ple signal across the ISP and ISN pins at the switching
frequency is expected. If the current sense resistor RIS
is placed between power input and input bulk capacitor
(Figure 13a), or between output bulk capacitor and sys-
tem output (Figure 14a), a filter is typically not neces-
sary. If the RIS is placed between input bulk capacitor
and input decoupling capacitor (Figure 13b), or between
output decoupling capacitor and output bulk capacitor
(Figure 14b), a low pass filter formed by RF and CF is
recommended to reduce the current ripple and stabilize
Figure 12. VIN Undervoltage Lockout (UVLO)
LT8392
VIN
R1
R2
RUN/STOP
CONTROL
(OPTIONAL)
8392 F12
EN/UVLO
GND
Programming Input or Output Current Limit
The input or output current limit can be programmed by
placing an appropriate value current sense resistor, RIS, in
the input or output power path. The voltage drop across
RIS is (Kelvin) sensed by the ISP and ISN pins. The CTRL
pin should be tied to a voltage higher than 1.35V to get
the full-scale 50mV (typical) threshold across the sense
resistor. The CTRL pin can be used to reduce the current
threshold to zero, although relative accuracy decreases
with the decreasing sense threshold. When the CTRL pin
voltage is between 0.3V and 1.15V, the current limit is:
IIS(MAX) =
VCTRL −0.25V
20 •RIS
When VCTRL is between 1.15V and 1.35V the current limit
varies with VCTRL, but departs from the equation above
by an increasing amount as VCTRL increases. Ultimately,
when VCTRL is larger than 1.35V, the current limit no lon-
ger varies. The typical V(ISP-ISN) threshold vs VCTRL is
listed in Table 2.
Table 2. V(ISP-ISN) Threshold vs VCTRL
VCTRL (V)
V(ISP-ISN) (mV)
1.15
45
1.20
47.2
1.25
49
1.30
49.8
1.35
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com