Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183GSZ1 Datasheet(PDF) 13 Page - Analog Devices

Part # OP183GSZ1
Description  5 MHz Single-Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183GSZ1 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP183GSZ1 Datasheet HTML 8Page - Analog Devices OP183GSZ1 Datasheet HTML 9Page - Analog Devices OP183GSZ1 Datasheet HTML 10Page - Analog Devices OP183GSZ1 Datasheet HTML 11Page - Analog Devices OP183GSZ1 Datasheet HTML 12Page - Analog Devices OP183GSZ1 Datasheet HTML 13Page - Analog Devices OP183GSZ1 Datasheet HTML 14Page - Analog Devices OP183GSZ1 Datasheet HTML 15Page - Analog Devices OP183GSZ1 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
OP183
Rev. D | Page 13 of 16
APPLICATIONS
OFFSET ADJUST
Figure 33 shows how the offset voltage of the OP183 can be
adjusted by connecting a potentiometer between Pins 1 and 5,
and connecting the wiper to VEE. The recommended value for
the potentiometer is 10 kΩ. This will give an adjustment range
of approximately ±1 mV. If a larger adjustment span is desired, a
50 kΩ potentiometer will yield a range of ±2.5 mV.
1
4
5
2
6
3
OP183
VEE
VCC
7
VOS
Figure 33. OP183 Offset Adjust
PHASE REVERSAL
The OP183 is protected against phase reversal as long as both of
the inputs are within the range of the positive supply and the
negative supply −0.6 V. If there is a possibility of either input
going beyond these limits, however, the inputs should be
protected with a series resistor to limit input current to 2 mA.
DIRECT ACCESS ARRANGEMENT
The OP183 can be used in a single supply direct access
arrangement (DAA) as shown in Figure 34. This figure shows a
portion of a typical DAA capable of operating from a single 5 V
supply; with minor modifications it should also work on 3 V
supplies. Amplifiers A2 and A3 are configured so that the
transmit signal TxA is inverted by A2 and not inverted by A3.
This arrangement drives the transformer differentially so that
the drive to the transformer is effectively doubled over a single
amplifier arrangement. This application takes advantage of the
ability of the OP183 to drive capacitive loads and to save power
in single-supply applications.
OP183
OP183
OP183
0.0047
μF
3.3k
Ω
22.1k
Ω
750pF 20kΩ
20k
Ω
20k
Ω
475
Ω
20k
Ω
0.1
μF
37.4k
Ω
300pF
0.33
μF
0.1
μF
20k
Ω
A3
A2
A1
RxA
TxA
2.5V
REF
Figure 34. Direct Access Arrangement
5 V ONLY STEREO DAC FOR MULTIMEDIA
The low noise and single-supply capability of the OP183 are
ideally suited for stereo DAC audio reproduction or sound
synthesis applications, such as multimedia systems. Figure 35
shows an 18-bit stereo DAC output setup that is powered from a
single 5 V supply. The low noise preserves the 18-bit dynamic
range of the AD1868.
8
4
2
1
3
OP183
+–
220
μF
47k
Ω
9.76k
Ω
100pF
7.68k
Ω
LEFT
CHANNEL
OUTPUT
330pF
7.68k
Ω
5
7
6
OP183
+–
220
μF
47k
Ω
9.76k
Ω
100pF
7.68k
Ω
RIGHT
CHANNEL
OUTPUT
330pF
7.68k
Ω
VL
1
LL
2
DL
3
CK
4
VBL
16
VOL
15
AGND
14
VOR
13
DR
5
VS
12
LR
6
11
DGND
7
10
VBR
8
9
VREF
16-BIT
DAC
18-BIT
SERIAL
REG.
VREF
16-BIT
DAC
18-BIT
SERIAL
REG.
AD1868
Figure 35. 5 V Only 18-Bit Stereo DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com