Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183GSZ1 Datasheet(PDF) 2 Page - Analog Devices

Part # OP183GSZ1
Description  5 MHz Single-Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183GSZ1 Datasheet(HTML) 2 Page - Analog Devices

  OP183GSZ1 Datasheet HTML 1Page - Analog Devices OP183GSZ1 Datasheet HTML 2Page - Analog Devices OP183GSZ1 Datasheet HTML 3Page - Analog Devices OP183GSZ1 Datasheet HTML 4Page - Analog Devices OP183GSZ1 Datasheet HTML 5Page - Analog Devices OP183GSZ1 Datasheet HTML 6Page - Analog Devices OP183GSZ1 Datasheet HTML 7Page - Analog Devices OP183GSZ1 Datasheet HTML 8Page - Analog Devices OP183GSZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OP183
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Specifications..................................................................................... 3
Electrical Characteristics @ VS = 5 V......................................... 3
Electrical Characteristics @ VS = 3 V......................................... 4
Electrical Characteristics @ VS = ±15 V.................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ............................................. 7
Applications..................................................................................... 13
Offset Adjust ............................................................................... 13
Phase Reversal............................................................................. 13
Direct Access Arrangement ...................................................... 13
5 V Only Stereo DAC for Multimedia ..................................... 13
Low Voltage Headphone Amplifiers........................................ 14
Low Noise Microphone Amplifier for Multimedia ............... 14
3 V 50 Hz/60 Hz Active Notch Filter with False Ground ..... 14
Low Voltage Frequency Synthesizer for Wireless
Transceiver .................................................................................. 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
5/05—Rev. C to Rev. D
Updated Format.................................................................. Universal
Removed OP283 ................................................................. Universal
Updated Outline Dimensions ........................................................16
Changes to Ordering Guide ...........................................................16
2/02—Rev. B to Rev. C
Edits to FEATURES...........................................................................1
Edits to GENERAL DESCRIPTION...............................................1
Edits to SPECIFICATIONS......................................................... 2–3
Edits to Package Type........................................................................4
Edits to ORDERING GUIDE...........................................................4
Edits to ABSOLUTE MAXIMUM RATINGS ...............................4
Edits to OUTLINE DIMENSIONS ...............................................12
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com