Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADL01 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # MADL01
Description  Power RF Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

MADL01 Datasheet(HTML) 1 Page - Polyfet RF Devices

  MADL01 Datasheet HTML 1Page - Polyfet RF Devices MADL01 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
polyfet rf devices
MADL01
Power RF Amplifiers
Power =
Bandwidth =
Gain =
Vdd =
to
50 ohms Input/Output Impedance
Description
The MADL01 is a 10 Watt, 2 stage high gain
amplifier module covering a bandwidth of
20-110 Mhz. This compact module design is
suitable for military applications in a rugged
environment. A VAGC pin is provided to
control the output power of the module.
Absolute Maximum Ratings
o
Parameter
Symbol
Value
Unit
DC supply Voltage 1
VDD1
V
32.0
DC supply Voltage 2
VDD2
V
Input Power
Pin
W
0.02
Output Power
Pout
W
15.0
Operating Case Temp.
Tc
C
-20 to +85
Storage Temperature
Tstg
o
-30 to +100
Electrical Characteristics: (
o
28.0 Volts )
Parameter
Symbol
Min
Unit
Frequency Range
BW
Mhz
20
Outut Power
Po
Watts
10.0
Power Gain
PG
dB
25.0
Total Efficiency
h
%
40
2nd Harmonics
dso
dBc
Intermod - 2 tone
Ip3
dBm
Max
110
Typical
Test Conditions
50 ohm load
Idq =
-45.00
@ Pout =
@ Pout =
@ Pout =
Watts
Watts
W. Freq =
Mhz
1.20 Amps
10.0
10.0
10.0
65
Freq =
Mhz;
65
Load Mismatch Tolerance
VSWR
10:1
Relative
All Phase Angles
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 URL:www.polyfet.com
REVISION
01/17/2006
10.0
20
110 Mhz
25.0
28.0 Volts
dB
Watts
(T=25 C)
T=25 C Zs=Zl=50 ohms. Vdd=
W
AvePwr=
C
o
AGC Voltage
VAGC
V
8.00


Similar Part No. - MADL01

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADL MA-COM-MADL Datasheet
724Kb / 8P
Silicon PIN Limiter Diodes
MADL-000011-13880G MA-COM-MADL-000011-13880G Datasheet
724Kb / 8P
Silicon PIN Limiter Diodes
MADL-000031-13880G MA-COM-MADL-000031-13880G Datasheet
724Kb / 8P
Silicon PIN Limiter Diodes
MADL-000032-00300 MA-COM-MADL-000032-00300 Datasheet
724Kb / 8P
Silicon PIN Limiter Diodes
MADL-000062-105600 MA-COM-MADL-000062-105600 Datasheet
164Kb / 6P
Silicon PIN Limiter Diodes
More results

Similar Description - MADL01

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
MADK21 POLYFET-MADK21 Datasheet
75Kb / 2P
Power RF Amplifiers
MADQ01 POLYFET-MADQ01 Datasheet
87Kb / 2P
Power RF Amplifiers
MADQ02 POLYFET-MADQ02 Datasheet
85Kb / 2P
Power RF Amplifiers
MBDQ01 POLYFET-MBDQ01 Datasheet
58Kb / 2P
Power RF Amplifiers
MDDQ02 POLYFET-MDDQ02 Datasheet
85Kb / 2P
Power RF Amplifiers
MGDQ01 POLYFET-MGDQ01 Datasheet
86Kb / 2P
Power RF Amplifiers
PHM017 POLYFET-PHM017 Datasheet
44Kb / 2P
Power RF Amplifiers
PHM017-3 POLYFET-PHM017-3 Datasheet
42Kb / 2P
Power RF Amplifiers
PHM020 POLYFET-PHM020 Datasheet
46Kb / 2P
Power RF Amplifiers
PHM022 POLYFET-PHM022 Datasheet
41Kb / 2P
Power RF Amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com