Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADL01 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # MADL01
Description  Power RF Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

MADL01 Datasheet(HTML) 2 Page - Polyfet RF Devices

  MADL01 Datasheet HTML 1Page - Polyfet RF Devices MADL01 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MADL01
MADL01F=65MHz Vds=28VVagc=8V
0
2
4
6
8
10
12
14
16
Pin (mW)
29.0
29.2
29.4
29.6
29.8
30.0
30.2
30.4
30.6
30.8
31.0
Pout
Gain
MADL01 F=20MHz Vds=28V Vagc=8V
0
2
4
6
8
10
12
14
16
Pin (mW)
29.0
29.5
30.0
30.5
31.0
31.5
Pout
Gain
MADL01 F=30MHz Vds=28V Pin=20mW
0
1
2
3
4
5
6
7
8
9
10
11
12
Vagc (V)
0
4
8
12
16
20
24
28
Efficiency @10W = 50%
Gain
Pout
MADL01 F=110MHz Vds=28V Vagc=8V
0
2
4
6
8
10
12
14
Pin (mW)
28.0
28.5
29.0
29.5
30.0
30.5
Pout
Gain
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 URL:www.polyfet.com
REVISION 01/17/2006
MADL01 Pout=10W Vds=28V Vagc=8V
0.012
0.017
0.022
0.027
0.032
0.037
0.042
0.047
Frequency
14
16
18
20
22
24
26
28
30
Gain
Pout
MADL01 F=88MHz Vds=28V Pin=20mW
0
1
2
3
4
5
6
7
8
9
10
11
12
Vagc (V)
0
4
8
12
16
20
24
28
Efficiency @10W = 38%
Gain
Pout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com