Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSHANDLEKIT2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CSHANDLEKIT2
Description  Mobile Cart Conversion Kit with Handle, Casters and Power Cord Manager for 16-Device AC and USB Charging Stations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSHANDLEKIT2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CSHANDLEKIT2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSHANDLEKIT2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Mobile Cart Conversion Kit with Handle, Casters
and Power Cord Manager for 16-Device AC and
USB Charging Stations
MODEL NUMBER: CSHANDLEKIT2
Adds a reversible handle, rolling casters and a power cord manager to your CSC16AC, CSC16ACW, or
CSC16USB charging station. Ideal for schools, offices and other locations where tablets, laptops or
Chromebooks are used.
Description
The CSHANDLEKIT2 Mobile Cart Conversion Kit includes a reversible handle, rolling casters and a power
cord manager that easily attach to your Tripp Lite 16-device AC or USB charging station, such as
CSC16AC, CSC16ACW and CSC16USB. Perfect for schools, offices, warehouses, healthcare facilities
and other locations where multiple tablets, laptops or Chromebooks are used regularly, the
CSHANDLEKIT2 allows for smooth mobility of your charging station. The four rolling casters are non-
marking for environments where this is mandatory. All four casters lock into place for maximum stability at
rest. The casters, easy-grip handle and convenient power cord manager mount to the charging station
using the included hardware. The CSHANDLEKIT2 supports a maximum load capacity of 350 pounds.
Features
Converts Your 16-Device AC or USB Charging Station Into a Mobile Cart
Adds reversible handle, rolling casters and power cord manager to CSC16AC, CSC16ACW,
CSC16USB and other compatible charging stations
q
Ideal for schools, offices, warehouses, healthcare facilities and other locations where multiple tablets,
laptops or Chromebooks are used regularly
q
Supports a maximum load capacity of 350 lb.
q
4 swivel/locking casters—all are non-marking
q
Comes with all necessary installation hardware
q
Highlights
Converts a 16-device charging
station into a mobile cart
q
Supports maximum load
capacity of 350 lb.
q
Includes reversible handle and
power cord manager
q
Includes 4 swivel/locking casters
q
Comes with all necessary
installation hardware
q
Package Includes
Reversible handle
q
Power cord manager
q
(4) Non-marking casters, 4 in.
q
(2) Caster-mounting brackets
q
(2) Handle-mounting brackets
q
(12) M5 screws
q
(12) M5 locking washers
q
(16) M6 screws
q
(16) M6 locking washers
q
(16) M6 flat washers
q
Owner's manual
q
1 / 2


Similar Part No. - CSHANDLEKIT2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CSHANDLEKIT TRIPPLITE-CSHANDLEKIT Datasheet
169Kb / 2P
Mobile Cart Conversion Kit with Handle, Casters and Power Cord Manager for Tablet/Chromebook Charging Stations
More results

Similar Description - CSHANDLEKIT2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS16USB TRIPPLITE-CS16USB Datasheet
522Kb / 3P
16-Device USB Charging Station with Syncing, Secure Storage and Cord Management for iPad and Android Tablets, Black
CS32USB TRIPPLITE-CS32USB Datasheet
579Kb / 3P
32-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USB TRIPPLITE-CS48USB Datasheet
585Kb / 3P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSCXB36AC TRIPPLITE-CSCXB36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, BS 1363, 230V - 3 m Cord
CSCXS36AC TRIPPLITE-CSCXS36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, Schuko, 230V - 3 m Cord
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CSC36AC TRIPPLITE-CSC36AC Datasheet
179Kb / 4P
Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSHANDLEKIT TRIPPLITE-CSHANDLEKIT Datasheet
169Kb / 2P
Mobile Cart Conversion Kit with Handle, Casters and Power Cord Manager for Tablet/Chromebook Charging Stations
CSC36DM TRIPPLITE-CSC36DM Datasheet
43Kb / 2P
Display Mount Adapter Kit for 36-Device AC Charging Station Cart
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com