Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN1511N4LATCH Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # EN1511N4LATCH
Description  Wireless Access Point Enclosure with Hasp - NEMA 4, Surface-Mount, PC Construction, 15 x 11 in.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EN1511N4LATCH Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  EN1511N4LATCH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EN1511N4LATCH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
© 2020 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Installation guide
q
OVERVIEW
UPC Code
037332217844
Rack Type
Enclosure
PHYSICAL
Color
White
Maximum Device Depth (cm)
9.65
Maximum Device Depth (in.)
3.8
Maximum Device Depth (mm)
97
Rack Height
0U
Shipping Dimensions (hwd / cm)
15.56 x 34.29 x 42.54
Shipping Dimensions (hwd / in.)
6.12 x 13.50 x 16.75
Shipping Weight (kg)
3.63
Unit Dimensions (cm)
38.6 x 28.2 x 10.16
Unit Dimensions (hwd / cm)
38.6 x 28.2 x 10.16
Unit Dimensions (hwd / in.)
15.1 x 11.2 x 4.0
Unit Dimensions (in.)
15.1 x 11.2
Unit Weight (kg)
2.86
Unit Weight (lbs.)
6.3
SPECIAL FEATURES
Built-in Cable Management
No
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com