Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN1511N4LATCH Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # EN1511N4LATCH
Description  Wireless Access Point Enclosure with Hasp - NEMA 4, Surface-Mount, PC Construction, 15 x 11 in.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EN1511N4LATCH Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  EN1511N4LATCH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EN1511N4LATCH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wireless Access Point Enclosure with Hasp -
NEMA 4, Surface-Mount, PC Construction, 15 x
11 in.
MODEL NUMBER: EN1511N4LATCH
Protects your indoor or outdoor Wi-Fi access point against water, dust, rain, sleet, snow and ice, as well
as theft, damage or tampering.
Features
Wall-Mount Enclosure Secures and Organizes Your Router/Modem or Wireless Access Point
Protect your indoor or outdoor router/modem or Wi-Fi access point by installing it inside this SmartRack®
NEMA 4 Wireless Access Point Enclosure made from impact-resistant UL 94 V-1 Classified PC plastic.
It’s ideal for offices, dorms, hotels, classrooms, retail locations and other indoor/outdoor areas where you
need to keep Wi-Fi equipment secure, organized and out of the way.
Carries a NEMA 4 Rating for Protection Against Harsh Elements
The NEMA 4-rated enclosure supports indoor or outdoor use. It protects its contents against the ingress of
water (including rain, sleet, snow, splashing water and hose-directed water), solid foreign objects
(including falling dirt and windblown dust) and even ice forming on the outside of the enclosure.
Accommodates a Wide Range of Equipment, Including Cisco WAPs, up to 627.5 in.³
Though the EN1511N4LATCH is designed specifically to protect Cisco Wi-Fi access points, it will also
house most other equipment up to 627.5 cubic inches (10,283 cubic centimeters). While rugged enough to
keep your equipment safe inside, it’s also transparent to wireless signals, ensuring strong Wi-Fi
coverage.
Latches Securely to Help Prevent Theft, Damage or Tampering
The hinged polycarbonate plastic cover latches tightly to the enclosure to protect the contents. Attach a
padlock or tamper seal (both sold separately) to the hasp on the latch for an extra level of security.
Supports Wall- or Ceiling-Mounting to Best Fit Your Application
The EN1511N4LATCH comes fully assembled and ready for horizontal or vertical mounting on a wall or
ceiling with user-provided hardware. It is designed for Cisco WAPs, but the included universal T-bar
bracket will accommodate a wide variety of equipment from other brands.
Highlights
Designed for Cisco WAPs, but
accommodates equipment from
most vendors
q
NEMA 4 rating ensures
protection against water, dust,
rain, sleet, snow and ice
q
Rugged polycarbonate cover
with hasp accepts optional
padlock for extra security
q
Transparent to wireless signals,
ensuring an optimum Wi-Fi
signal in all directions
q
Comes fully assembled and
ready for wall- or ceiling-
mounting using included
hardware
q
Applications
Protect a router/modem or
wireless access point inside a
classroom, office, hotel, store,
dorm or other indoor space from
damage, theft or tampering
q
Protect outdoor equipment
against water, dust, rain, sleet,
snow and ice
q
Package Includes
NEMA 4 wireless access point
enclosure, 15 x 11 in.
q
(2) M4 screws
q
(2) M6 screws, 1 in.
q
(4) M6 trusshead screws, 0.25
in.
q
Cable tie
q
(2) Nylon spacers
q
T-bar bracket
q
(4) Mounting feet
q
1 / 2


Similar Part No. - EN1511N4LATCH

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EN150 EXTECH-EN150 Datasheet
551Kb / 1P
Environmental Meters with 11 Functions
More results

Similar Description - EN1511N4LATCH

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
WAP-6111H LVL1-WAP-6111H Datasheet
439Kb / 4P
Managed Ceiling Mount Wireless Access Point
WAP-6201 LVL1-WAP-6201 Datasheet
391Kb / 3P
Managed Wall Mount Wireless Access Point, 802.3af
WAP-6202 LVL1-WAP-6202 Datasheet
427Kb / 4P
Managed Wall Mount Wireless Access Point
WAP-0008 LVL1-WAP-0008 Datasheet
209Kb / 3P
Wireless 11g Wireless Access Point with SATA/IDE Storage
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com