Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GUE310 Datasheet(PDF) 2 Page - IOGEAR

Part # GUE310
Description  USB 3.0 BoostLinq - 33ft (10m), USB 3.0 Extender (TAA Compliant)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GUE310 Datasheet(HTML) 2 Page - IOGEAR

  GUE310 Datasheet HTML 1Page - IOGEAR GUE310 Datasheet HTML 2Page - IOGEAR GUE310 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Requirements
Hardware:
USB 3.0 port
USB 3.0 devices
Operating System:
Windows® XP,
Windows Vista®,
Windows® 7,
Windows® 8,
Windows® 8.1,
Windows® 10
Mac OS 9 to 10.x
Oracle® Solaris
Linux®, Unix and
other USB supported
systems*
Google Chrome OS™
*Additional drivers and
support may be needed
Package Contents
1 x USB 3.0 BootLinq
- 33ft (10m) cable
1 x USB Type-A
female to male
adapter
1 x Quick Start Guide
1 x Warranty Card



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com