Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GUE310 Datasheet(PDF) 3 Page - IOGEAR

Part # GUE310
Description  USB 3.0 BoostLinq - 33ft (10m), USB 3.0 Extender (TAA Compliant)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GUE310 Datasheet(HTML) 3 Page - IOGEAR

  GUE310 Datasheet HTML 1Page - IOGEAR GUE310 Datasheet HTML 2Page - IOGEAR GUE310 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Function
GUE310
Cable Length
33 feet
Computer Interface
USB Type A
Daisy Chain
Up to 5 level daisy chain
Device Connection
USB Type A
Environment
Operation Temperature
32 to 122 degree Fahrenheit
Storage Temperature
-40 to 131 degree Fahrenheit
USB Specification
USB 3.0
Transfer Rate
Up to 5Gps
LEDs
Link
1
Cable Type
Shielded
Max Output Power
840mA @ 5VDC
Operating System Support
Windows Vista®, Windows® 7, Windows® 8,
Windows® 8.1 / Mac OS X v10.3.9 and
above / Linux Kernel / Google Chrome OS?
Dimensions
GUE310
Unit Dimensions
Width
.87" (2.2 cm)
Height
.5" (1.27 cm)
Length
33 ft (10 m)
Inner Pack
Width
8.3" (21.1 cm)
Height
8.4" (21.3 cm)
Length
9.6" (24.4 cm)
Inner Pack Qty.
3
Unit Package Dimensions
Width
9.1" (23.1 cm)
Height
2.6" (6.6 cm)
Depth
7.9" (20 cm)
Master Carton
Width
10.2" (25.9 cm)
Height
9.9" (25.1 cm)
Depth
17.1" (43.43 cm)
Master Carton Qty.
6
Weight
Master Carton Wt.
13.9 lb (6.3 kg)
Inner Pack Wt.
6.35 lb (2.9 kg)
Unit Pack Wt.
2 lb (.9 kg)
Unit Wt.
1.75 lbs. (0.79 kg)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com