Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONN008-W Datasheet(PDF) 1 Page - Linx Technologies

Part # CONN008-W
Description  N Panel Mount Jack Coaxial Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN008-W Datasheet(HTML) 1 Page - Linx Technologies

  CONN008-W Datasheet HTML 1Page - Linx Technologies CONN008-W Datasheet HTML 2Page - Linx Technologies CONN008-W Datasheet HTML 3Page - Linx Technologies CONN008-W Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
CONN008-W
N Panel Mount Jack Coaxial Connector
Electrical Specifications
Impedance
50
Ω
Frequency Range
0 to 11 GHz
Voltage Rating
2500 V RMS
Contact Resistance
Center:
≤ 1.0 mΩ Outer: ≤ 1.0 mΩ
Selected Frequencies
2.4 GHz
6 GHz
Insertion Loss (dB max)
-0.18
-0.35
VSWR (max)
1.2
1.3
Ordering Information
Part Number
Description
CONN008-W
N jack (female socket) crimp type coaxial cable mount connector for
RG-55, RG-142/U, RG-223, RG-400 or equivalent coaxial cable
Available from Linx Technologies and select distributors and representatives.
Features
• 0 to 11 GHz operation
• White Bronze plating
― Low Passive Intermodulation (PIM)
― Superior corrosion resistance
• N jack (female socket) connection
― Gold plated phosphor bronze center contact
• Crimp type coaxial cable mount for use with
― RG-55, RG-142/U , RG-223, RG-400
• Crimp ferrule and heat shrink tubing provided
The CONN008-W is an N jack panel mount
connector designed for use with RG-55, RG-142/U,
RG-223, RG-400 or equivalent coaxial cable using
the provided crimp ferrule and heat shrink tubing.
Operating from 0 GHz to 11 GHz, the CONN008-W
provides superior performance by utilizing white
bronze plating to reduce distortion caused by
passive intermodulation (PIM). Additionally, all Linx
connectors meet RoHS lead free standards and are
tested to meet requirements for corrosion resistance,
vibration, mechanical and thermal shock.


Similar Part No. - CONN008-W

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONN001-W LINX-CONN001-W Datasheet
742Kb / 6P
N Bulkhead Jack PCB Through Hole Connector
2020
CONN002-W LINX-CONN002-W Datasheet
499Kb / 4P
N Jack Sealed Panel Mount Solder Connector
2021
CONN003-W LINX-CONN003-W Datasheet
493Kb / 4P
N Jack Panel Mount Connector
2020
logo
List of Unclassifed Man...
CONN005 ETC2-CONN005 Datasheet
197Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN005 LINX-CONN005 Datasheet
289Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results

Similar Description - CONN008-W

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONN003-W LINX-CONN003-W Datasheet
493Kb / 4P
N Jack Panel Mount Connector
2020
logo
Huber+Suhner, Inc.
37_N-50-0-1133_N HUBERSUHNER-37_N-50-0-1133_N Datasheet
511Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, Panel, jack / jack (female / female), flange mount
23_N-50-0-30133_N HUBERSUHNER-23_N-50-0-30133_N Datasheet
456Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight panel receptacle, jack (female), flange mount
23_N-50-0-31133_N HUBERSUHNER-23_N-50-0-31133_N Datasheet
688Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight panel receptacle, jack (female), flange mount
23_N-50-0-33133_N HUBERSUHNER-23_N-50-0-33133_N Datasheet
188Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight panel receptacle, jack (female), flange mount
25_N-50-2-10133_N HUBERSUHNER-25_N-50-2-10133_N Datasheet
168Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight panel cable jack (female), flange mount
25_N-50-2-14133_N HUBERSUHNER-25_N-50-2-14133_N Datasheet
331Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight panel cable jack (female), flange mount
25_N-50-2-2019-_N HUBERSUHNER-25_N-50-2-2019-_N Datasheet
176Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight panel cable jack (female), flange mount
25_N-50-2-2133_N HUBERSUHNER-25_N-50-2-2133_N Datasheet
444Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight panel cable jack (female), flange mount
25_N-50-3-20133_N HUBERSUHNER-25_N-50-3-20133_N Datasheet
513Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight panel cable jack (female), flange mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com