Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONN008-W Datasheet(PDF) 2 Page - Linx Technologies

Part # CONN008-W
Description  N Panel Mount Jack Coaxial Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN008-W Datasheet(HTML) 2 Page - Linx Technologies

  CONN008-W Datasheet HTML 1Page - Linx Technologies CONN008-W Datasheet HTML 2Page - Linx Technologies CONN008-W Datasheet HTML 3Page - Linx Technologies CONN008-W Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Datasheet
CONN008-W
Product Dimensions
5/8”-24UNEF
Ø3.1 mm
(0.12 in)
Ø1.1 mm
(0.04 in)
Ø3.0 mm
(0.12 in)
Ø5.7 mm
(0.22 in)
Ø6.5 mm
(0.26 in)
Ø4.5 mm
REF.
4X Ø3.2 mm
(0.13 in)
18.2 mm
(0.72 in)
18.2 mm
(0.72 in)
□25.4 mm
(1.00 in)
2.0 mm
(0.08 in)
18.7 mm
(0.74 in)
16.5 mm
(0.65 in)
12.7 mm
(0.16 in)
Ø6.5 mm
REF
Center Contact
Crimp Ferrule
Heat Shrink Tubing
25.0 mm
REF.
31.9 mm
(0.16 in)
Figure 1. Product Dimensions for the CONN008-W Connector
Connector Components
Model
CONN008-W
Connector Part
Material
Finish
Connector Body
Brass
White Bronze
Center Contact (socket)
Phosphor Bronze
Gold
Insulator
PTFE
–
Crimp Ferrule
Brass
White Bronze
Heat Shrink Tubing
PE
–
Coaxial Cable Installation
The CONN008-W provides a crimp type coaxial cable retention system for installation to the connector using
the provided crimp ferrule and heat shrink tubing. The coaxial cable trim dimensions are provided below
in Table 1 for supported coaxial cable types, and recommended hex crimp tool sizes for CONN008-W are
shown in Table 2.
Table 1. Coaxial Cable Trim Dimensions for the CONN008-W Connector
Coaxial Cable Types
A
B
C
RG-55, RG-223, RG-142/U,
RG-400
3.0 mm (0.12 in)
7.5 mm (0.30 in)
15.0 mm (0.61 in)
C
C
B
A
B
A
A2
Table 2. Recommended Hex Crimp Tool Sizes
Connector Part
Crimp Tool Size
Crimp Ferrule
5.41 mm (0.213 in)
Center Contact
2.54 mm (0.100 in)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com