Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX398C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX398C/D
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX398C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX398C/D Datasheet HTML 6Page - Maxim Integrated Products MAX398C/D Datasheet HTML 7Page - Maxim Integrated Products MAX398C/D Datasheet HTML 8Page - Maxim Integrated Products MAX398C/D Datasheet HTML 9Page - Maxim Integrated Products MAX398C/D Datasheet HTML 10Page - Maxim Integrated Products MAX398C/D Datasheet HTML 11Page - Maxim Integrated Products MAX398C/D Datasheet HTML 12Page - Maxim Integrated Products MAX398C/D Datasheet HTML 13Page - Maxim Integrated Products MAX398C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
10
______________________________________________________________________________________
ΔVOUT
+3V
0
LOGIC
INPUT
VEN
+5V
VOUT
-5V
GND
V+
A1
V-
A0
A2
EN
COM
MAX398
CL = 1000nF
VOUT
NO
CHANNEL
SELECT
RS
VS
ON
OFF
OFF
ΔVOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
Q =
ΔVOUT x CL
VEN
Figure 5. Charge Injection
Test Circuits/Timing Diagrams (continued)
+5V
VOUT
-5V
GND
V+
A1
V-
A0
A2
NO8
COM
MAX398
NO1
RS = 50
Ω
VIN
EN
10nF
RL = 1k
Ω
OFF-ISOLATION = 20log
VOUT
VIN
10nF
+5V
VOUT
-5V
GND
V+
A1
V-
A0
A2
NO8
COM
MAX398
NO2
RG = 50
Ω
VIN
EN
10nF
RL = 1k
Ω
CROSSTALK = 20log
VOUT
VIN
10nF
NO1
R = 1k
Ω
+5V
-5V
GND
V+
A2
V-
A1
A0
NO8
MAX398
CHANNEL
SELECT
NO1
COM
EN
1MHz
CAPACITANCE
ANALYZER
f = 1MHz
Figure 6. Off-Isolation
Figure 7. Crosstalk
Figure 8. NO/COM Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com