Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX398C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX398C/D
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX398C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX398C/D Datasheet HTML 8Page - Maxim Integrated Products MAX398C/D Datasheet HTML 9Page - Maxim Integrated Products MAX398C/D Datasheet HTML 10Page - Maxim Integrated Products MAX398C/D Datasheet HTML 11Page - Maxim Integrated Products MAX398C/D Datasheet HTML 12Page - Maxim Integrated Products MAX398C/D Datasheet HTML 13Page - Maxim Integrated Products MAX398C/D Datasheet HTML 14Page - Maxim Integrated Products MAX398C/D Datasheet HTML 15Page - Maxim Integrated Products MAX398C/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
12
______________________________________________________________________________________
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
Ordering Information (continued)
*EP = Exposed pad.
**Contact factory for dice specifications.
†Contact factory for package availability.
Chip Topographies
V+
NO3
NO4
EN
0.102"
(2.59mm)
0.080"
(2.03mm)
COM
NO8
NO5
NO6
NO7
N.C.
A0
A1 A2
GND
NO2
NO1
V-
MAX398
V+
NO3A
NO4A
EN
0.102"
(2.59mm)
0.080"
(2.03mm)
COMA
COMB
NO1B
NO2B
NO4B
NO3B
A0
A1 N.C. GND
NO2A
NO1A
V-
MAX399
TRANSISTOR COUNT: 161
SUBSTRATE CONNECTED TO V+
TRANSISTOR COUNT: 161
SUBSTRATE CONNECTED TO V+
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX399CGE
0
°C to +70°C
16 QFN-EP*
G1655-3
MAX399CEE
0
°C to +70°C
16 QSOP
E16-1
MAX399CSE
0
°C to +70°C
16 Narrow
S16-1
MAX399CPE
0
°C to +70°C
16 Plastic
P16-1
MAX399C/D
0
°C to +70°C
Dice**
—
MAX399EGE
-40
°C to + 85°C
16 QFN-EP*
G1655-3
MAX399EEE
-40
°C to + 85°C
16 QSOP
E16-1
MAX399ESE
-40
°C to + 85°C
16 Narrow
S16-1
MAX399EPE
-40
°C to + 85°C
16 Plastic
P16-1
MAX399EJE
-40
°C to + 85°C
16 CERDIP†
J16-1
MAX399MJE
-55
°C to +125°C
16 CERDIP†
J16-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com